Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC671LC3C Datasheet (PDF) - Hittite Microwave Corporation

HMC671LC3C Datasheet PDF - Hittite Microwave Corporation
Part # HMC671LC3C
Download  HMC671LC3C Download
File Size   272.47 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 13 Gbps, XOR / XNOR Gate HMC671LC3C

HMC671LC3C Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC671LC3C Datasheet PDF - Hittite Microwave Corporation

Part # HMC671LC3C
Download  HMC671LC3C Click to download

File Size   272.47 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 13 Gbps, XOR / XNOR Gate HMC671LC3C

HMC671LC3C Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC671LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC670LC3C HITTITE-HMC670LC3C Datasheet
278Kb / 8P
13 Gbps, 1:2 Fanout Buffer
HMC672LC3C HITTITE-HMC672LC3C Datasheet
284Kb / 8P
14 Gbps, AND / NAND / OR / NOR Gate
HMC673LC3C HITTITE-HMC673LC3C Datasheet
266Kb / 8P
13 Gbps, D-Type Flip-Flop
HMC674LC3C HITTITE-HMC674LC3C Datasheet
555Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
logo
Analog Devices
HMC674LC3C AD-HMC674LC3C Datasheet
330Kb / 14P
9.3 GHz Latched Comparator
More results


Similar Description - HMC671LC3C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107 Datasheet
70Kb / 4P
QUINT 2-INPUT XOR/XNOR GATE
SY10E107 MICREL-SY10E107_06 Datasheet
61Kb / 4P
QUINT 2-INPUT XOR/XNOR GATE
logo
Hittite Microwave Corpo...
HMC745LC3C HITTITE-HMC745LC3C Datasheet
280Kb / 8P
13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC-C064 HITTITE-HMC-C064 Datasheet
185Kb / 6P
50 Gbps, XOR / XNOR Module
HMC721LC3C HITTITE-HMC721LC3C Datasheet
385Kb / 8P
14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC725LC3C HITTITE-HMC725LC3C Datasheet
425Kb / 8P
14 Gbps, FAST RISE TIME XOR / XNOR GATE
HMC745LC3 HITTITE-HMC745LC3_11 Datasheet
563Kb / 8P
13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC745LC3C HITTITE-HMC745LC3C_11 Datasheet
372Kb / 8P
13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC844LC4B HITTITE-HMC844LC4B Datasheet
819Kb / 8P
45 Gbps, XOR / XNOR w/ PROGRAMMABLE OUTPUT VOLTAGE
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com