Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC693 Datasheet (PDF) - Hittite Microwave Corporation

HMC693 Datasheet PDF - Hittite Microwave Corporation
Part # HMC693
Download  HMC693 Download
File Size   675.62 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz

HMC693 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC693 Datasheet PDF - Hittite Microwave Corporation

Part # HMC693
Download  HMC693 Click to download

File Size   675.62 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz

HMC693 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC693

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC693 AD-HMC693 Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC693

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC590 HITTITE-HMC590 Datasheet
377Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 10.0 GHz
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC592 HITTITE-HMC592_09 Datasheet
292Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10 - 13 GHz
HMC864_1007 HITTITE-HMC864_1007 Datasheet
722Kb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
logo
Analog Devices
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC637ALP5E AD-HMC637ALP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590 AD-HMC590 Datasheet
402Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC1132PM5E AD-HMC1132PM5E Datasheet
349Kb / 17P
27 GHz to 32 GHz, GaAs, pHEMT, MMIC Power Amplifier
9/2018-Revision 0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com