Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2186 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

2SK2186 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # 2SK2186
Download  2SK2186 Download
File Size   396.02 Kbytes
Page   10 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description VX-2 Series Power MOSFET(500V 10A)

2SK2186 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2186 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # 2SK2186
Download  2SK2186 Click to download

File Size   396.02 Kbytes
Page   10 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description VX-2 Series Power MOSFET(500V 10A)

2SK2186 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


2SK2186 Product details

FEATURES

Input capacitance (Ciss) is small.

Especially, input capacitance

at 0 biass is small.

The static Rds(on) is small.

The switching time is fast.



APPLICATION

Switching power supply of AC 100V input

High voltage power supply

Inverter




Similar Part No. - 2SK2186

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2186 ISC-2SK2186 Datasheet
65Kb / 2P
Fast Switching Speed
More results


Similar Description - 2SK2186

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SK2179 SHINDENGEN-2SK2179 Datasheet
271Kb / 6P
VX-2 Series Power MOSFET(500V 3A)
2SK2181 SHINDENGEN-2SK2181 Datasheet
273Kb / 6P
VX-2 Series Power MOSFET(500V 3A)
2SK2182 SHINDENGEN-2SK2182 Datasheet
409Kb / 10P
VX-2 Series Power MOSFET(500V 3A)
2SK2184 SHINDENGEN-2SK2184 Datasheet
403Kb / 10P
VX-2 Series Power MOSFET(500V 5A)
2SK2187 SHINDENGEN-2SK2187 Datasheet
394Kb / 10P
VX-2 Series Power MOSFET(500V 10A)
2SK2188 SHINDENGEN-2SK2188 Datasheet
399Kb / 10P
VX-2 Series Power MOSFET(500V 10A)
2SK2189 SHINDENGEN-2SK2189 Datasheet
385Kb / 10P
VX-2 Series Power MOSFET(500V 10A)
2SK2190 SHINDENGEN-2SK2190 Datasheet
384Kb / 10P
VX-2 Series Power MOSFET(500V 10A)
2SK2196 SHINDENGEN-2SK2196 Datasheet
394Kb / 10P
VX-2 Series Power MOSFET(500V 20A)
2SK2197 SHINDENGEN-2SK2197 Datasheet
394Kb / 10P
VX-2 Series Power MOSFET(500V 20A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com