Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF10100CT Datasheet (PDF) - Tak Cheong Electronics (Holdings) Co.,Ltd

MBRF10100CT Datasheet PDF - Tak Cheong Electronics (Holdings) Co.,Ltd
Part # MBRF10100CT
Download  MBRF10100CT Download
File Size   154.38 Kbytes
Page   4 Pages
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd
Description 10A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier

MBRF10100CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF10100CT Datasheet PDF - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # MBRF10100CT
Download  MBRF10100CT Click to download

File Size   154.38 Kbytes
Page   4 Pages
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd
Description 10A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier

MBRF10100CT Datasheet (HTML) - Tak Cheong Electronics (Holdings) Co.,Ltd


MBRF10100CT Product details

10A SCHOTTKY BARRIER DIODE
Full Pack High Voltage Schottky Rectifier

Specification Features:
■ High Voltage Wide Range Selection, 100V, 150V & 200V
■ High Switching Speed Device
■ Low Forward Voltage Drop
■ Low Power Loss and High Efficiency
■ Guard Ring for Over-voltage Protection
■ High Surge Capability
■ RoHS Compliant
■ Matte Tin(Sn) Lead Finish
■ Terminal Leads Surface is Corrosion Resistant and can withstand to 260°C Wave Soldering or per MIL-STD-750, Method 2026.




Similar Part No. - MBRF10100CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRF10100CT MCC-MBRF10100CT Datasheet
390Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Vaishali Semiconductor
MBRF10100CT VAISH-MBRF10100CT Datasheet
83Kb / 3P
MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
logo
Vishay Siliconix
MBRF10100CT VISHAY-MBRF10100CT Datasheet
78Kb / 3P
Dual High-Voltage Schottky Rectifiers
24-Apr-03
logo
GOOD-ARK Electronics
MBRF10100CT GOOD-ARK-MBRF10100CT Datasheet
191Kb / 2P
Dual High-Voltage Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF10100CT TSC-MBRF10100CT Datasheet
164Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBRF10100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1070CT DIODES-MBR1070CT Datasheet
64Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
MBR1070CT DIODES-MBR1070CT_1 Datasheet
73Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. 2 - 2
logo
Won-Top Electronics
SB10150 WTE-SB10150 Datasheet
48Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150F WTE-SB10150F Datasheet
49Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
TCMBR10100CT TAK_CHEONG-TCMBR10100CT Datasheet
107Kb / 2P
10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
logo
Won-Top Electronics
SB10150 WTE-SB10150_08 Datasheet
76Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150F WTE-SB10150F_08 Datasheet
67Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
MBR10100CT TAK_CHEONG-MBR10100CT Datasheet
167Kb / 4P
10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
MBRF20100CT TAK_CHEONG-MBRF20100CT Datasheet
156Kb / 4P
20A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier
logo
Formosa MS
MBRF10100CT FORMOSA-MBRF10100CT Datasheet
166Kb / 3P
Full Pack High Voltage Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com