Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC789ST89E Datasheet (PDF) - Hittite Microwave Corporation

HMC789ST89E Datasheet PDF - Hittite Microwave Corporation
Part # HMC789ST89E
Download  HMC789ST89E Download
File Size   1189.07 Kbytes
Page   16 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz

HMC789ST89E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC789ST89E Datasheet PDF - Hittite Microwave Corporation

Part # HMC789ST89E
Download  HMC789ST89E Click to download

File Size   1189.07 Kbytes
Page   16 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz

HMC789ST89E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC789ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E Datasheet
427Kb / 16P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
logo
Analog Devices
HMC789ST89E AD-HMC789ST89E Datasheet
736Kb / 16P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER
More results


Similar Description - HMC789ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC789ST89E HITTITE-HMC789ST89E Datasheet
427Kb / 16P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
logo
Mimix Broadband
CGB8002-SC MIMIX-CGB8002-SC Datasheet
290Kb / 12P
DC-2.8 GHz InGaP HBT 3.3V, Matched Gain Block Amplifier
logo
Hittite Microwave Corpo...
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
logo
Analog Devices
HMC789ST89E AD-HMC789ST89E Datasheet
736Kb / 16P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC480ST89 AD-HMC480ST89 Datasheet
297Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC589AST89E AD-HMC589AST89E_17 Datasheet
256Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC405 AD-HMC405 Datasheet
284Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com