Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC797 Datasheet (PDF) - Hittite Microwave Corporation

HMC797 Datasheet PDF - Hittite Microwave Corporation
Part # HMC797
Download  HMC797 Download
File Size   590.79 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz

HMC797 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC797 Datasheet PDF - Hittite Microwave Corporation

Part # HMC797
Download  HMC797 Click to download

File Size   590.79 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz

HMC797 Datasheet (HTML) - Hittite Microwave Corporation


HMC797 Product details

General Description

The hmC797  is  a  GaAs mmiC phemT  Distributed power  Amplifier  die  which  operates  between  DC and 22 Ghz. The amplifier provides 14.5 dB of gain, 40 dBm output ip3 and +28 dBm of output power at 1  dB  gain  compression  while  requiring  400mA  from a  +10V  supply. 



Features

high p1dB output power: +28 dBm

high psat output power: +31 dBm

high Gain: 14.5 dB

high output ip3: +40 dBm

supply Voltage: +10 V @ 400 mA

50 ohm matched input/output

Die size: 2.89 x 1.55 x 0.1 mm



Typical Applications

The hmC797 is ideal for:

• Test instrumentation

• microwave radio & VsAT

• military & space

• Telecom infrastructure

• fiber optics




Similar Part No. - HMC797

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC797 AD-HMC797 Datasheet
1Mb / 22P
Active Bias Controller High Current
HMC797A AD-HMC797A Datasheet
834Kb / 16P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
v07.0823
HMC797APM5E AD-HMC797APM5E_V01 Datasheet
1Mb / 14P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
v07.0823
More results


Similar Description - HMC797

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC863LP4E HITTITE-HMC863LP4E Datasheet
1Mb / 8P
GaAs pHEMT MMIC WATT POWER AMPLIFIER, 22 - 26.5 GHz
HMC998 HITTITE-HMC998 Datasheet
612Kb / 10P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
HMC797LP5E HITTITE-HMC797LP5E Datasheet
570Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC863LP4E HITTITE-HMC863LP4E_11 Datasheet
961Kb / 8P
GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 22 - 26.5 GHz
HMC998_1108 HITTITE-HMC998_1108 Datasheet
637Kb / 10P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
logo
Analog Devices
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC637ALP5E AD-HMC637ALP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590 AD-HMC590 Datasheet
402Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC797A AD-HMC797A Datasheet
834Kb / 16P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com