Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC881LP5E Datasheet (PDF) - Hittite Microwave Corporation

HMC881LP5E Datasheet PDF - Hittite Microwave Corporation
Part # HMC881LP5E
Download  HMC881LP5E Download
File Size   835.22 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description FILTER - TUNABLE, LOW PASS SMT 2.2 - 4.0 GHz

HMC881LP5E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC881LP5E Datasheet PDF - Hittite Microwave Corporation

Part # HMC881LP5E
Download  HMC881LP5E Click to download

File Size   835.22 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description FILTER - TUNABLE, LOW PASS SMT 2.2 - 4.0 GHz

HMC881LP5E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC881LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC881LP5 HITTITE-HMC881LP5 Datasheet
469Kb / 6P
FILTER - TUNABLE, LOW PASS SMT 2.2 - 4.0 GHz
HMC881LP5 HITTITE-HMC881LP5_10 Datasheet
469Kb / 6P
FILTER - TUNABLE, LOW PASS SMT 2.2 - 4.0 GHz
More results


Similar Description - HMC881LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC881LP5 HITTITE-HMC881LP5_10 Datasheet
469Kb / 6P
FILTER - TUNABLE, LOW PASS SMT 2.2 - 4.0 GHz
HMC882LP5E HITTITE-HMC882LP5E Datasheet
512Kb / 6P
FILTER - TUNABLE, LOW PASS SMT 4.5 - 7.6 GHz
HMC891LP5E HITTITE-HMC891LP5E_09 Datasheet
689Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC892LP5E HITTITE-HMC892LP5E Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT 4.0 - 7.7 GHz
HMC897LP4E HITTITE-HMC897LP4E Datasheet
1,013Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 9 - 19 GHz
HMC894LP5E HITTITE-HMC894LP5E Datasheet
1Mb / 10P
FILTER - TUNABLE, BAND PASS SMT 5.9 - 11.2 GHz
HMC882LP5E_1007 HITTITE-HMC882LP5E_1007 Datasheet
889Kb / 6P
FILTER - TUNABLE, LOW PASS SMT 4.5 - 7.6 GHz
HMC890LP5E_1007 HITTITE-HMC890LP5E_1007 Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT 1 - 2 GHz
HMC891LP5E_1007 HITTITE-HMC891LP5E_1007 Datasheet
1Mb / 8P
FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC895LP4E HITTITE-HMC895LP4E Datasheet
960Kb / 8P
FILTER - TUNABLE, BAND PASS SMT 6.8 - 12.6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com