Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2559 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

2SK2559 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # 2SK2559
Download  2SK2559 Download
File Size   408.48 Kbytes
Page   10 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description VZ Series Power MOSFET(200V 10A)

2SK2559 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2559 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # 2SK2559
Download  2SK2559 Click to download

File Size   408.48 Kbytes
Page   10 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description VZ Series Power MOSFET(200V 10A)

2SK2559 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


2SK2559 Product details

N-Channel Enhancement type



FEATURES

  Input capacitance (Ciss) is small.

  Especially, input capacitance at 0 biass is small.

  The static Rds(on) is small.

  The switching time is fast.



APPLICATION

  DC/DC converters

  Power supplies of DC 12-24V input

  Product related to

  Integrated Service Digital Network



 




Similar Part No. - 2SK2559

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2559 ISC-2SK2559 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK2559

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUV28 MOSPEC-BUV28 Datasheet
111Kb / 3P
POWER TRANSISTORS(10A,200V,80W)
logo
Shindengen Electric Mfg...
2SK2489 SHINDENGEN-2SK2489 Datasheet
405Kb / 10P
VZ Series Power MOSFET(180V 10A)
2SK2490 SHINDENGEN-2SK2490 Datasheet
408Kb / 10P
VZ Series Power MOSFET(180V 10A)
2SK2491 SHINDENGEN-2SK2491 Datasheet
405Kb / 10P
VZ Series Power MOSFET(180V 20A)
2SK2492 SHINDENGEN-2SK2492 Datasheet
407Kb / 10P
VZ Series Power MOSFET(180V 20A)
2SK2560 SHINDENGEN-2SK2560 Datasheet
407Kb / 10P
VZ Series Power MOSFET(200V 20A)
logo
Rohm
RDN100N20 ROHM-RDN100N20 Datasheet
62Kb / 4P
Switching (200V, 10A)
logo
GOOD-ARK Electronics
FP5ZC2V2 GOOD-ARK-FP5ZC2V2_15 Datasheet
216Kb / 5P
Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:0.5W
F1N5913 GOOD-ARK-F1N5913_15 Datasheet
212Kb / 5P
Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
logo
Rohm
RD3T100CN ROHM-RD3T100CN Datasheet
2Mb / 15P
Nch 200V 10A Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com