Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC997LC4 Datasheet (PDF) - Hittite Microwave Corporation

HMC997LC4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC997LC4
Download  HMC997LC4 Download
File Size   486.02 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description Variable Gain Amplifier 17 to 27 GHz

HMC997LC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC997LC4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC997LC4
Download  HMC997LC4 Click to download

File Size   486.02 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description Variable Gain Amplifier 17 to 27 GHz

HMC997LC4 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC997LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4 Datasheet
581Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
VARIABLE GAIN AMPLIFIER
More results


Similar Description - HMC997LC4

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292 Datasheet
136Kb / 6P
17-24GHz Low Noise, Variable Gain Amplifier
CHA4693-QGG UMS-CHA4693-QGG Datasheet
858Kb / 16P
17-27GHz Variable Gain Amplifier
VGA-P014458-QGG UMS-VGA-P014458-QGG Datasheet
723Kb / 16P
17-27GHz Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC-VVD102 HITTITE-HMC-VVD102 Datasheet
199Kb / 6P
GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 17 - 27 GHz
HMC694 HITTITE-HMC694 Datasheet
551Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
HMC694LP4 HITTITE-HMC694LP4 Datasheet
560Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
HMC996LP4E HITTITE-HMC996LP4E Datasheet
467Kb / 8P
Variable Gain Amplifier 5 to 12 GHz
logo
United Monolithic Semic...
CHA4863-QGG UMS-CHA4863-QGG Datasheet
467Kb / 14P
17-24GHz Variable Gain Amplifier
logo
Custom MMIC Design Serv...
CMD163 MMIC-CMD163 Datasheet
226Kb / 9P
17-27 GHz Low Noise Amplifier
CMD163C4 MMIC-CMD163C4 Datasheet
258Kb / 10P
17-27 GHz Low Noise Amplifier
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com