Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-LXTO46365C Datasheet (PDF) - LUMEX INC.

SSL-LXTO46365C Datasheet PDF - LUMEX INC.
Part # SSL-LXTO46365C
Download  SSL-LXTO46365C Download
File Size   98.46 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 365nm UV, TO-46 CAN PACKAGE.

SSL-LXTO46365C Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL-LXTO46365C Datasheet PDF - LUMEX INC.

Part # SSL-LXTO46365C
Download  SSL-LXTO46365C Click to download

File Size   98.46 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 365nm UV, TO-46 CAN PACKAGE.

SSL-LXTO46365C Datasheet (HTML) - LUMEX INC.




Similar Part No. - SSL-LXTO46365C

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LXTO46355C LUMEX-SSL-LXTO46355C Datasheet
92Kb / 1P
355nm UV LED, TO-46 CAN PACKAGE.
SSL-LXTO46375C LUMEX-SSL-LXTO46375C Datasheet
92Kb / 1P
377nm UV LED, TO-46 CAN PACKAGE.
More results


Similar Description - SSL-LXTO46365C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE501 ETC-CLE501 Datasheet
100Kb / 1P
390nm UV LED Dome Lens, TO-46 Aluminum Package
logo
Clairex Technologies, I...
CLE501 CLAIREX-CLE501 Datasheet
104Kb / 1P
390nm UV LED Dome Lens, TO-46 Aluminum Package
logo
LUMEX INC.
SSL-LXTO46UV1C LUMEX-SSL-LXTO46UV1C Datasheet
101Kb / 1P
385mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46UV2C LUMEX-SSL-LXTO46UV2C Datasheet
100Kb / 1P
405mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46UV3C LUMEX-SSL-LXTO46UV3C Datasheet
100Kb / 1P
415mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46UV2C LUMEX-SSL-LXTO46UV2C_11 Datasheet
103Kb / 1P
405nm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46355C LUMEX-SSL-LXTO46355C Datasheet
92Kb / 1P
355nm UV LED, TO-46 CAN PACKAGE.
SSL-LXTO46375C LUMEX-SSL-LXTO46375C Datasheet
92Kb / 1P
377nm UV LED, TO-46 CAN PACKAGE.
logo
List of Unclassifed Man...
BF325-UV1 ETC2-BF325-UV1 Datasheet
513Kb / 1P
MINIATURE 3.2mm 365nm UV-CCFL
logo
LUMEX INC.
SSL-LXTO46UV2C-F LUMEX-SSL-LXTO46UV2C-F Datasheet
76Kb / 1P
405mm UV LED, TO-46 CAN PACKAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com