Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9024C Datasheet (PDF) - Gennum Corporation

GS9024C Datasheet PDF - Gennum Corporation
Part # GS9024C
Download  GS9024C Download
File Size   496.27 Kbytes
Page   8 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Automatic Cable Equalizer

GS9024C Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9024C Datasheet PDF - Gennum Corporation

Part # GS9024C
Download  GS9024C Click to download

File Size   496.27 Kbytes
Page   8 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Automatic Cable Equalizer

GS9024C Datasheet (HTML) - Gennum Corporation


GS9024C Product details

DESCRIPTION
The GS9024C is a high performance automatic cable equalizer designed for serial digital data rates from 143Mb/s to 360Mb/s. The GS9024C receives either single-ended or differential serial data and outputs equalized differential signals at PECL levels (800mV). The GS9024C provides up to 40dB of gain at 200MHz which will typically result in equalization of greater than 350m at 270Mb/s of Belden 8281 cable.

FEATURES
• automatic cable equalization
• fully compatible with SMPTE 259M
• typically equalizes greater than 350m of high quality cable at 270Mb/s
• signal strength indicator
• output data muting when input data is lost
• output eye monitor (OEM) with large signal amplitude and power down option
• low power: 240mW at 5V
• 14 pin SOIC package
• programmable output data squelch for max cable length limiting
• carrier detect with programmable threshold level
• serial data output "High Z" select to allow muxing of EQ inputs

APPLICATIONS
    Front-end cable equalization for digital video systems; Input equalization for serial digital distribution amplifiers, routers, production switchers and other receiving equipment.




Similar Part No. - GS9024C

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
148Kb / 8P
Automatic Cable Equalizer
GS9024 GENNUM-GS9024 Datasheet
298Kb / 16P
Automatic Cable Equalizer
GS9024-CKB GENNUM-GS9024-CKB Datasheet
148Kb / 8P
Automatic Cable Equalizer
GS9024-CKB GENNUM-GS9024-CKB Datasheet
298Kb / 16P
Automatic Cable Equalizer
GS9024-CKBE3 GENNUM-GS9024-CKBE3 Datasheet
298Kb / 16P
Automatic Cable Equalizer
More results


Similar Description - GS9024C

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
148Kb / 8P
Automatic Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
Adaptive Cable Equalizer
GS9024 GENNUM-GS9024_05 Datasheet
298Kb / 16P
Automatic Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
Adaptive Cable Equalizer
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com