Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5402 Datasheet (PDF) - Naina Semiconductor ltd.

1N5402 Datasheet PDF - Naina Semiconductor ltd.
Part # 1N5402
Download  1N5402 Download
File Size   102.93 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description General Purpose Rectifier 3.0A

1N5402 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5402 Datasheet PDF - Naina Semiconductor ltd.

Part # 1N5402
Download  1N5402 Click to download

File Size   102.93 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description General Purpose Rectifier 3.0A

1N5402 Datasheet (HTML) - Naina Semiconductor ltd.


1N5402 Product details

Features
• Diffused junction
• High efficiency
• Low forward voltage drop
• Low power loss
• High surge current capability




Similar Part No. - 1N5402

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5402 MOTOROLA-1N5402 Datasheet
44Kb / 2P
STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Pan Jit International I...
1N5402 PANJIT-1N5402 Datasheet
51Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Surge Components
1N5402 SURGE-1N5402 Datasheet
121Kb / 2P
3.0 AMPS. SILICON RECTIFIERS?
logo
Transys Electronics
1N5402 TRSYS-1N5402 Datasheet
155Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Wing Shing Computer Com...
1N5402 WINGS-1N5402 Datasheet
278Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
More results


Similar Description - 1N5402

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5400 DIODES-1N5400 Datasheet
62Kb / 2P
3.0A RECTIFIER
DS28007 Rev. E-2
logo
Comchip Technology
1N5400 COMCHIP-1N5400 Datasheet
61Kb / 2P
3.0A Rectifier
logo
Diodes Incorporated
1N5400 DIODES-1N5400_1 Datasheet
67Kb / 3P
3.0A RECTIFIER
DS28007 Rev. 7 - 2
logo
Gulf Semiconductor
1N5400 GULFSEMI-1N5400 Datasheet
163Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
logo
Naina Semiconductor ltd...
1N5408 NAINA-1N5408 Datasheet
103Kb / 2P
General Purpose Rectifier, 3.0A
logo
Diodes Incorporated
1N5400 DIODES-1N5400_15 Datasheet
63Kb / 3P
3.0A RECTIFIER
Rev erse
1N5400 DIODES-1N5400_14 Datasheet
102Kb / 3P
3.0A RECTIFIER
Rev erse
logo
E-CMOS Corporation
ECCP301B E-CMOS-ECCP301B Datasheet
253Kb / 5P
3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
ECCP301 E-CMOS-ECCP301 Datasheet
243Kb / 5P
3.0A Surface Mount General Purpose Rectifiers - 50V-1300V
logo
New Jersey Semi-Conduct...
1N5400 NJSEMI-1N5400 Datasheet
86Kb / 1P
3.0A RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com