Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50MB Datasheet (PDF) - Naina Semiconductor ltd.

50MB Datasheet PDF - Naina Semiconductor ltd.
Part # 50MB
Download  50MB Download
File Size   106.2 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Single Phase Bridge Rectifier

50MB Datasheet (PDF)

Go To PDF Page Download Datasheet
50MB Datasheet PDF - Naina Semiconductor ltd.

Part # 50MB
Download  50MB Click to download

File Size   106.2 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Single Phase Bridge Rectifier

50MB Datasheet (HTML) - Naina Semiconductor ltd.


50MB Product details

Single Phase Bridge Rectifier



Features

•  Glass passivated chip junction

•  Surge capability of 400 A

•  High efficiency

•  Electrically isolated metal case for maximum heat dissipation

•  Mounting: thru hole for # 8 screw

 




Similar Part No. - 50MB

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
50M SHUNYE-50M Datasheet
186Kb / 2P
SOZA CELL
logo
Grayhill, Inc
50M45-01-1-02N GRAYHILL-50M45-01-1-02N Datasheet
582Kb / 7P
Single Deck Rotary Switches
logo
Kemet Corporation
50MH3100AA60K KEMET-50MH3100AA60K Datasheet
226Kb / 1P
A50, Film, Metallized Polyester, Automotive Grade, 0.1 uF, 10%, 200 VAC, 400 VDC, 85°C
10/20/2022
logo
RUBYCON CORPORATION
50MH50.1M4X5 RUBYCON-50MH50.1M4X5 Datasheet
45Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50MH50.22M4X5 RUBYCON-50MH50.22M4X5 Datasheet
45Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Similar Description - 50MB

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com