Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B20K Datasheet (PDF) - Micronetics, Inc.

B20K Datasheet PDF - Micronetics, Inc.
Part # B20K
Download  B20K Download
File Size   270.35 Kbytes
Page   1 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 2.0 to 8.0 GHz

B20K Datasheet (PDF)

Go To PDF Page Download Datasheet
B20K Datasheet PDF - Micronetics, Inc.

Part # B20K
Download  B20K Click to download

File Size   270.35 Kbytes
Page   1 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 2.0 to 8.0 GHz

B20K Datasheet (HTML) - Micronetics, Inc.




Similar Part No. - B20K

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
B20 MICREL-B20 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
logo
Twin Industries
B20-7100 TWININDUSTRIES-B20-7100 Datasheet
390Kb / 1P
Boxes Protoboards
B20-8000 TWININDUSTRIES-B20-8000 Datasheet
390Kb / 1P
Boxes Protoboards
logo
Intronics Power, Inc.
B200 INTRONICS-B200 Datasheet
370Kb / 2P
FIXED INPUT ISOLATED & UNREGULATED 1W OUTPUT 6000VDC ISOLATION SINGLE OUTPUT DIP PACKAGE
logo
List of Unclassifed Man...
B200-9 ETC2-B200-9 Datasheet
276Kb / 5P
LCD-MODULE 2x16 - 6.68mm
More results


Similar Description - B20K

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20A MICRONETICS-B20A Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20H MICRONETICS-B20H Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B21A MICRONETICS-B21A Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B21K MICRONETICS-B21K Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B21Q MICRONETICS-B21Q Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B21V MICRONETICS-B21V Datasheet
312Kb / 2P
Triple Balanced Mixers 2.0 to 8.0 GHz
B22K MICRONETICS-B22K Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B22Q MICRONETICS-B22Q Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B22V MICRONETICS-B22V Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com