Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CNY64AYST Datasheet (PDF) - Vishay Siliconix

CNY64AYST Datasheet PDF - Vishay Siliconix
Part # CNY64AYST
Download  CNY64AYST Download
File Size   166.08 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Very High Isolation Voltage

CNY64AYST Datasheet (PDF)

Go To PDF Page Download Datasheet
CNY64AYST Datasheet PDF - Vishay Siliconix

Part # CNY64AYST
Download  CNY64AYST Click to download

File Size   166.08 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Very High Isolation Voltage

CNY64AYST Datasheet (HTML) - Vishay Siliconix


CNY64AYST Product details

DESCRIPTION

The CNY6XST, the high isolation voltage SMD version optocouplers consist of a phototransistor optically coupled

to a gallium arsenide infrared-emitting diode in a 4 pin plastic package. 

The single components are mounted opposite one another, providing a distance between input and output for highest safety requirements of > 3 mm.



FEATURES

• Rated recurring peak voltage (repetitive) VIORM= 1450 Vpeak

• Thickness through insulation ≥3 mm

• Creepage current resistance according to VDE 0303/IEC 60112 comparative tracking index: CTI ≥475

• Moisture sensitivity level MSL4

- Follow defined storage and soldering requirements

• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC



APPLICATIONS

• Solar and wind power diagnostic, monitoring, and communication equipment

• Welding equipment

• High voltage motors

• Switch-mode power supplies

• Line receiver

• Computer peripheral interface

• Microprocessor system interface

• Circuits for safe protective separation against electrical shock according to safety class II (reinforced isolation):

- for appl. class I to IV at mains voltage ≤300 V

- for appl. class I to IV at mains voltage ≤600 V

- for appl. class I to III at mains voltage ≤1000 V according to DIN EN 60747-5-2 (VDE 0884)




Similar Part No. - CNY64AYST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64AYST VISHAY-CNY64AYST Datasheet
164Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
20-Sep-11
CNY64AYST VISHAY-CNY64AYST Datasheet
166Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
26-Jun-14
CNY64AYST VISHAY-CNY64AYST Datasheet
189Kb / 12P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
23-Mar-2022
CNY64AYST VISHAY-CNY64AYST Datasheet
189Kb / 12P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
23-Mar-2022
CNY64AYST VISHAY-CNY64AYST_14 Datasheet
166Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
26-Jun-14
More results


Similar Description - CNY64AYST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64 VISHAY-CNY64_05 Datasheet
198Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
26-Oct-04
CNY64 VISHAY-CNY64_08 Datasheet
132Kb / 9P
Optocoupler, Phototransistor Output,Very High Isolation Voltage
20-Oct-08
CNY64ST VISHAY-CNY64ST Datasheet
164Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
20-Sep-11
CNY64AYST VISHAY-CNY64AYST_14 Datasheet
166Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
26-Jun-14
CNY651 VISHAY-CNY651 Datasheet
152Kb / 10P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
12-Feb-14
CNY64AYST VISHAY-CNY64AYST_V01 Datasheet
189Kb / 12P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
23-Mar-2022
CNY651 VISHAY-CNY651_V01 Datasheet
179Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
24-Jun-2022
CNY66 VISHAY-CNY66_V01 Datasheet
164Kb / 10P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
24-Jun-2022
CNY64AYST VISHAY-CNY64AYST_V02 Datasheet
189Kb / 12P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
23-Mar-2022
CNY651 VISHAY-CNY651_V02 Datasheet
180Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
24-Jun-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com