Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL2041 Datasheet (PDF) - ATMEL Corporation

MSL2041 Datasheet PDF - ATMEL Corporation
Part # MSL2041
Download  MSL2041 Download
File Size   2285.06 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Low-cost, Simple 4-string LED Drivers with External Current Sink MOSFETs, 5000:1 Dimming Range and Per String PWM Input

MSL2041 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSL2041 Datasheet PDF - ATMEL Corporation

Part # MSL2041
Download  MSL2041 Click to download

File Size   2285.06 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Low-cost, Simple 4-string LED Drivers with External Current Sink MOSFETs, 5000:1 Dimming Range and Per String PWM Input

MSL2041 Datasheet (HTML) - ATMEL Corporation




Similar Part No. - MSL2041

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL204UYL UOT-MSL204UYL Datasheet
97Kb / 9P
ALLEDs
More results


Similar Description - MSL2041

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL1060AW ATMEL-MSL1060AW Datasheet
2Mb / 20P
6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
logo
Maxim Integrated Produc...
MAX17129 MAXIM-MAX17129 Datasheet
2Mb / 21P
Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
logo
Texas Instruments
TPS61196 TI-TPS61196 Datasheet
1Mb / 30P
6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
logo
Monolithic Power System...
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
logo
Maxim Integrated Produc...
MAX17129ETE MAXIM-MAX17129ETE Datasheet
2Mb / 21P
Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
logo
Texas Instruments
TPS61196-Q1 TI-TPS61196-Q1_15 Datasheet
1Mb / 31P
TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196-Q1 TI1-TPS61196-Q1_16 Datasheet
1Mb / 31P
TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
logo
Monolithic Power System...
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3398A MPS-MP3398A Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com