Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1FS4A Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

D1FS4A Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # D1FS4A
Download  D1FS4A Download
File Size   546.16 Kbytes
Page   10 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Schottky Rectifiers (SBD) (40V 1.5A)

D1FS4A Datasheet (PDF)

Go To PDF Page Download Datasheet
D1FS4A Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # D1FS4A
Download  D1FS4A Click to download

File Size   546.16 Kbytes
Page   10 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Schottky Rectifiers (SBD) (40V 1.5A)

D1FS4A Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


D1FS4A Product details

FEATURES

• Small SMT

• Low VF=0.45V

• PRRSM  Rating



APPLICATION

• Switching Power

• DC/DC Converter

• Home Appliance, Game, Office Automation

• Communication, Portable set



 




Similar Part No. - D1FS4A

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1FS4A SHINDENGEN-D1FS4A Datasheet
604Kb / 2P
Schottky Barrier Diode
D1FS4A SHINDENGEN-D1FS4A_10 Datasheet
604Kb / 2P
Schottky Barrier Diode
More results


Similar Description - D1FS4A

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SC4MR SHINDENGEN-D10SC4MR Datasheet
694Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
D120SC4M SHINDENGEN-D120SC4M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (40V 120A)
D180SC4M SHINDENGEN-D180SC4M Datasheet
17Kb / 1P
Schottky Rectifiers (SBD) (40V 180A)
D1FS4 SHINDENGEN-D1FS4 Datasheet
599Kb / 12P
Schottky Rectifiers (SBD) (40V 1.1A)
D1NS4 SHINDENGEN-D1NS4 Datasheet
552Kb / 10P
Schottky Rectifiers (SBD) (40V 1A)
D2FS6 SHINDENGEN-D2FS6 Datasheet
589Kb / 11P
Schottky Rectifiers (SBD) (60V 1.5A)
D2S4M SHINDENGEN-D2S4M Datasheet
587Kb / 11P
Schottky Rectifiers (SBD) (40V 2A)
D30SC4M SHINDENGEN-D30SC4M Datasheet
589Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
DF30SC4M SHINDENGEN-DF30SC4M Datasheet
535Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
S10SC4M SHINDENGEN-S10SC4M Datasheet
566Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com