Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1NS6 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

D1NS6 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # D1NS6
Download  D1NS6 Download
File Size   579.42 Kbytes
Page   10 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Schottky Rectifiers (SBD) (60V 1A)

D1NS6 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1NS6 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # D1NS6
Download  D1NS6 Click to download

File Size   579.42 Kbytes
Page   10 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Schottky Rectifiers (SBD) (60V 1A)

D1NS6 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


D1NS6 Product details

FEATURES
● Tj 150°C
● PRRSM avalanche guaranteed
● 5 mm pitch mounting applicable

APPLICATION
● Swiching power supply
● DC/DC converter
● Home Appliances, Office Equipment
● Telecommunications




Similar Part No. - D1NS6

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1NS6 SHINDENGEN-D1NS6_10 Datasheet
462Kb / 2P
Schottky Barrier Diode
D1NS6 SHINDENGEN-D1NS6_17 Datasheet
482Kb / 4P
Schottky Barrier Diode
More results


Similar Description - D1NS6

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SC6MR SHINDENGEN-D10SC6MR Datasheet
695Kb / 11P
Schottky Rectifiers (SBD) (60V 10A)
D1NS4 SHINDENGEN-D1NS4 Datasheet
552Kb / 10P
Schottky Rectifiers (SBD) (40V 1A)
D240SC6M SHINDENGEN-D240SC6M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (60V 240A)
D25SC6MR SHINDENGEN-D25SC6MR Datasheet
543Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
D2FS6 SHINDENGEN-D2FS6 Datasheet
589Kb / 11P
Schottky Rectifiers (SBD) (60V 1.5A)
D5S6M SHINDENGEN-D5S6M Datasheet
696Kb / 11P
Schottky Rectifiers (SBD) (60V 5A)
DE5S6M SHINDENGEN-DE5S6M Datasheet
744Kb / 12P
Schottky Rectifiers (SBD) (60V 5A)
DF25SC6M SHINDENGEN-DF25SC6M Datasheet
533Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
S25SC6M SHINDENGEN-S25SC6M Datasheet
539Kb / 10P
Schottky Rectifiers (SBD) (60V 25A)
S60SC6M SHINDENGEN-S60SC6M Datasheet
556Kb / 10P
Schottky Rectifiers (SBD)(60V 60A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com