Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4002GP Datasheet (PDF) - Vishay Siliconix

1N4002GP Datasheet PDF - Vishay Siliconix
Part # 1N4002GP
Download  1N4002GP Download
File Size   81.34 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Rectifier

1N4002GP Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4002GP Datasheet PDF - Vishay Siliconix

Part # 1N4002GP
Download  1N4002GP Click to download

File Size   81.34 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Rectifier

1N4002GP Datasheet (HTML) - Vishay Siliconix


1N4002GP Product details

Glass Passivated Junction Rectifier

FEATURES
• Superectifier structure for high reliability application
• Cavity-free glass-passivated junction
• Low forward voltage drop
• Low leakage current, typical IRless than 0.1 μA
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC

TYPICAL APPLICATIONS
    For use in general purpose rectification of power supplies, inverters, converters and  freewheeling diodes for both consumer and automotive applications.




Similar Part No. - 1N4002GP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4002GP GE-1N4002GP Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Micro Commercial Compon...
1N4002GP MCC-1N4002GP Datasheet
79Kb / 3P
1 Amp Glass PassivatedRectifier 50 - 1000 Volts
logo
Taiwan Semiconductor Co...
1N4002GP TSC-1N4002GP Datasheet
55Kb / 2P
1.0 AMP. Glass Passivated Junction Plastic Rectifiers
logo
First Components Intern...
1N4002GP FCI-1N4002GP Datasheet
155Kb / 2P
1.0 Amp MEGARECTIFIERS
logo
DAESAN ELECTRONIC CORP.
1N4002GP DAESAN-1N4002GP Datasheet
316Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1300 Volts
More results


Similar Description - 1N4002GP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
G2A GE-G2A Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
Glass Passivated Junction Rectifier
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com