Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60EPF06PBF Datasheet (PDF) - Vishay Siliconix

60EPF06PBF Datasheet PDF - Vishay Siliconix
Part # 60EPF06PBF
Download  60EPF06PBF Download
File Size   271.9 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Soft Recovery Rectifier Diode, 60 A

60EPF06PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
60EPF06PBF Datasheet PDF - Vishay Siliconix

Part # 60EPF06PBF
Download  60EPF06PBF Click to download

File Size   271.9 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Soft Recovery Rectifier Diode, 60 A

60EPF06PBF Datasheet (HTML) - Vishay Siliconix


60EPF06PBF Product details

DESCRIPTION
The VS-60EPF0... and VS-60APF0... soft recovery rectifier series has been optimized for combined short reverse recovery time and low forward voltage drop.
The glass passivation ensures stable reliable operation in the most severe temperature and power cycling conditions.

FEATURES
• Glass passivated pellet chip junction
• 150 °C max. operating junction temperature
• Low forward voltage drop and short reverse
   recovery time
• Designed and qualified according to
   JEDEC®-JESD 47
• Material categorization:
   for definitions of compliance please see
   www.vishay.com/doc?99912
  
APPLICATIONS
   These devices are intended for use in output rectification
   and freewheeling in inverters, choppers and converters as
   well as in input rectification where severe restrictions on
   conducted EMI should be met.




Similar Part No. - 60EPF06PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
60EPF06 ISC-60EPF06 Datasheet
284Kb / 2P
Fast Recovery Rectifier Diode
More results


Similar Description - 60EPF06PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30EPF10PBF VISHAY-30EPF10PBF Datasheet
293Kb / 9P
Fast Soft Recovery Rectifier Diode, 30 A
09-Dec-09
60EPF10PBF VISHAY-60EPF10PBF Datasheet
284Kb / 9P
Fast Soft Recovery Rectifier Diode, 60 A
18-Aug-11
80EPF02PBF VISHAY-80EPF02PBF Datasheet
245Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
05-Jun-08
60EPF10PBF VISHAY-60EPF10PBF_13 Datasheet
197Kb / 7P
Fast Soft Recovery Rectifier Diode, 60 A
20-Oct-11
VS-60.PF0.PBF VISHAY-VS-60.PF0.PBF Datasheet
264Kb / 9P
Fast Soft Recovery Rectifier Diode, 60 A
11-Feb-16
VS-60EPF0.PBF VISHAY-VS-60EPF0.PBF Datasheet
271Kb / 9P
Fast Soft Recovery Rectifier Diode, 60 A
18-Aug-11
VS-60EPF0PBF VISHAY-VS-60EPF0PBF Datasheet
271Kb / 9P
Fast Soft Recovery Rectifier Diode, 60 A
18-Aug-11
VS-60PF0-M3 VISHAY-VS-60PF0-M3 Datasheet
215Kb / 7P
Fast Soft Recovery Rectifier Diode, 60 A
29-Nov-2019
VS-60PF1-M3 VISHAY-VS-60PF1-M3 Datasheet
220Kb / 7P
Fast Soft Recovery Rectifier Diode, 60 A
29-Nov-2019
60EPF60CPF VISHAY-60EPF60CPF Datasheet
194Kb / 7P
Fast Soft Recovery Rectifier Diode, 60 A
09-Dec-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com