Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB727 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SB727 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SB727
Download  2SB727 Download
File Size   259.86 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor

2SB727 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB727 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SB727
Download  2SB727 Click to download

File Size   259.86 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor

2SB727 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SB727 Product details

DESCRIPTION

·High DC Current Gain-

   : hFE = 1000(Min)@ IC= -3A

·Collector-Emitter Breakdown Voltage-

   : V(BR)CEO = -120V(Min)

·Low Collector-Emitter Saturation Voltage-

   : VCE(sat) = -1.5V(Max)@ IC= -3A

·Complement to Type 2SD768



APPLICATIONS

·Medium speed and power switching applications.



 




Similar Part No. - 2SB727

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB727 HITACHI-2SB727 Datasheet
37Kb / 6P
Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SB727 RENESAS-2SB727 Datasheet
151Kb / 7P
Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SB727 NJSEMI-2SB727 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Hitachi Semiconductor
2SB727K HITACHI-2SB727K Datasheet
37Kb / 6P
Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SB727K RENESAS-2SB727K Datasheet
151Kb / 7P
Silicon PNP Epitaxial
More results


Similar Description - 2SB727

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1567 ISC-2SB1567 Datasheet
237Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com