Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB995 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SB995 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SB995
Download  2SB995 Download
File Size   254.35 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Power Transistor

2SB995 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB995 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SB995
Download  2SB995 Click to download

File Size   254.35 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Power Transistor

2SB995 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SB995 Product details

DESCRIPTION
• Collector-Emitter Breakdown Voltage- :V(BR)CEo=-100V(Min)
• Low Collector Saturation Voltage- : VCE(sa.)= -2.0V(Max)@ lc= -4A
• Complement to Type 2SD1355

APPLICATIONS
• Power amplifier applications.
• Recommended for SOW high-fidelity audio frequency amplifier output stage.




Similar Part No. - 2SB995

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB995 SAVANTIC-2SB995 Datasheet
89Kb / 3P
Silicon PNP Power Transistors
2SB995 SAVANTIC-2SB995 Datasheet
90Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB995 NJSEMI-2SB995 Datasheet
128Kb / 2P
Silicon PNP Power Transistor
More results


Similar Description - 2SB995

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com