Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWI2N60 Datasheet (PDF) - Xian Semipower Electronic Technology Co., Ltd.

SWI2N60 Datasheet PDF - Xian Semipower Electronic Technology Co., Ltd.
Part # SWI2N60
Download  SWI2N60 Download
File Size   724.69 Kbytes
Page   7 Pages
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.
Description N-channel MOSFET (TO-251 , TO-252)

SWI2N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
SWI2N60 Datasheet PDF - Xian Semipower Electronic Technology Co., Ltd.

Part # SWI2N60
Download  SWI2N60 Click to download

File Size   724.69 Kbytes
Page   7 Pages
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.
Description N-channel MOSFET (TO-251 , TO-252)

SWI2N60 Datasheet (HTML) - Xian Semipower Electronic Technology Co., Ltd.


SWI2N60 Product details

General Description

This power MOSFET is produced with advanced VDMOS technology of SAMWIN. This technology enable power MOSFET to have better characteristics, such as fast switching time, low on resistance, low gate charge and especially excellent avalanche characteristics. This power MOSFET is usually used at high efficient DC to DC converter block and SMPS. It’s typical application is TV and monitor.



Features

■ High ruggedness

■ RDS(ON) (Max 5.0 Ω)@VGS=10V

■ Gate Charge (Max 15nC)

■ Improved dv/dt Capability

■ 100% Avalanche Tested




Similar Part No. - SWI2N60

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWI226N SEMIPOWER-SWI226N Datasheet
752Kb / 7P
N-channel MOSFET
logo
VBsemi Electronics Co.,...
SWI226N VBSEMI-SWI226N Datasheet
1Mb / 9P
N-Channel 650V (D-S) Power MOSFET
logo
CUI INC
SWI24-12-E CUI-SWI24-12-E Datasheet
286Kb / 5P
AC-DC POWER SUPPLY
SWI24-12-E CUI-SWI24-12-E Datasheet
397Kb / 5P
AC-DC POWER SUPPLY
SWI24-12-E CUI-SWI24-12-E Datasheet
401Kb / 5P
AC-DC POWER SUPPLY
12/09/2020
More results


Similar Description - SWI2N60

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWI4N65 SEMIPOWER-SWI4N65 Datasheet
753Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SWI50N06A SEMIPOWER-SWI50N06A Datasheet
494Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SW13N65K2 SEMIPOWER-SW13N65K2 Datasheet
722Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
N-channel Enhanced mode TO-252/TO-251 MOSFET
SW3N90U SEMIPOWER-SW3N90U Datasheet
887Kb / 7P
N-channel Enhanced mode TO-251/TO-251M/TO-252 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW70N10V SEMIPOWER-SW70N10V Datasheet
1,000Kb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220 MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com