Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80EBU02 Datasheet (PDF) - Vishay Siliconix

80EBU02 Datasheet PDF - Vishay Siliconix
Part # 80EBU02_11
Download  80EBU02 Download
File Size   135.89 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Soft Recovery Diode, 80 A FRED Pt

80EBU02 Datasheet (PDF)

Go To PDF Page Download Datasheet
80EBU02 Datasheet PDF - Vishay Siliconix

Part # 80EBU02_11
Download  80EBU02 Click to download

File Size   135.89 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Soft Recovery Diode, 80 A FRED Pt

80EBU02 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 80EBU02_11

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80EBU02 IRF-80EBU02 Datasheet
146Kb / 6P
Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
80EBU02 VISHAY-80EBU02 Datasheet
117Kb / 7P
Ultrafast Soft Recovery Diode, 80 A FRED PtTM
30-Oct-08
More results


Similar Description - 80EBU02_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60EPU02PBF VISHAY-60EPU02PBF_11 Datasheet
201Kb / 9P
Ultrafast Soft Recovery Diode, 60 A FRED Pt
17-Feb-11
60EPU04PBF VISHAY-60EPU04PBF_11 Datasheet
196Kb / 9P
Ultrafast Soft Recovery Diode, 60 A FRED Pt
17-Feb-11
60EPU06PBF VISHAY-60EPU06PBF_11 Datasheet
200Kb / 9P
Ultrafast Soft Recovery Diode, 60 A FRED Pt
14-Feb-11
80EBU04 VISHAY-80EBU04_11 Datasheet
135Kb / 8P
Ultrafast Soft Recovery Diode, 80 A FRED Pt
15-Jun-11
150EBU02 VISHAY-150EBU02_11 Datasheet
134Kb / 8P
Ultrafast Soft Recovery Diode, 150 A FRED Pt®
15-Jun-11
logo
Nell Semiconductor Co.,...
N-80EPU12 NELLSEMI-N-80EPU12 Datasheet
1Mb / 6P
FRED Ultrafast Soft Recovery Diode, 80 A
logo
Vishay Siliconix
VS-80EBU02 VISHAY-VS-80EBU02 Datasheet
137Kb / 8P
Ultrafast Soft Recovery Diode, 80 A FRED Pt®
15-Jun-11
VS-150EBU04 VISHAY-VS-150EBU04 Datasheet
133Kb / 8P
Ultrafast Soft Recovery Diode, 150 A FRED Pt
16-Jun-11
VS-80EBU02HF4 VISHAY-VS-80EBU02HF4 Datasheet
158Kb / 7P
Ultrafast Soft Recovery Diode, 80 A FRED Pt®
15-Mar-13
VS-80EBU04HF4 VISHAY-VS-80EBU04HF4 Datasheet
148Kb / 7P
Ultrafast Soft Recovery Diode, 80 A FRED Pt®
16-Jun-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com