Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80EPF12 Datasheet (PDF) - Vishay Siliconix

80EPF12 Datasheet PDF - Vishay Siliconix
Part # 80EPF12
Download  80EPF12 Download
File Size   209.83 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Soft Recovery Rectifier Diode, 80 A

80EPF12 Datasheet (PDF)

Go To PDF Page Download Datasheet
80EPF12 Datasheet PDF - Vishay Siliconix

Part # 80EPF12
Download  80EPF12 Click to download

File Size   209.83 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Soft Recovery Rectifier Diode, 80 A

80EPF12 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 80EPF12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80EPF12 IRF-80EPF12 Datasheet
175Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
80EPF12 ISC-80EPF12 Datasheet
346Kb / 2P
Fast Recovery Rectifier
More results


Similar Description - 80EPF12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30EPF10PBF VISHAY-30EPF10PBF Datasheet
293Kb / 9P
Fast Soft Recovery Rectifier Diode, 30 A
09-Dec-09
80EPF02PBF VISHAY-80EPF02PBF Datasheet
245Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
05-Jun-08
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
Fast Soft Recovery Rectifier Diode, 10 A
11-Feb-16
VS-60.PF0.PBF VISHAY-VS-60.PF0.PBF Datasheet
264Kb / 9P
Fast Soft Recovery Rectifier Diode, 60 A
11-Feb-16
VS-10ETF1PBF VISHAY-VS-10ETF1PBF Datasheet
251Kb / 8P
Fast Soft Recovery Rectifier Diode, 10 A
11-Feb-16
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
11-Feb-16
VS-80APF0PBF VISHAY-VS-80APF0PBF Datasheet
241Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
11-Feb-16
VS-80APF1PBF VISHAY-VS-80APF1PBF Datasheet
206Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
06-Feb-14
VS-80APF0-M3 VISHAY-VS-80APF0-M3 Datasheet
247Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
27-Feb-2019
VS-80APF1-M3 VISHAY-VS-80APF1-M3 Datasheet
216Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
24-Jan-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com