Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80RIA80PBF Datasheet (PDF) - Vishay Siliconix

80RIA80PBF Datasheet PDF - Vishay Siliconix
Part # 80RIA80PBF
Download  80RIA80PBF Download
File Size   160.59 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control Thyristors (Stud Version), 80 A

80RIA80PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
80RIA80PBF Datasheet PDF - Vishay Siliconix

Part # 80RIA80PBF
Download  80RIA80PBF Click to download

File Size   160.59 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control Thyristors (Stud Version), 80 A

80RIA80PBF Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 80RIA80PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80RIA80PBF VISHAY-80RIA80PBF Datasheet
139Kb / 7P
Phase Control Thyristors (Stud Version), 80 A
11-Aug-08
More results


Similar Description - 80RIA80PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80RIA40PBF VISHAY-80RIA40PBF Datasheet
139Kb / 7P
Phase Control Thyristors (Stud Version), 80 A
11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
Phase Control Thyristors (Stud Version), 300 A
11-Aug-08
82RIA120 VISHAY-82RIA120 Datasheet
159Kb / 8P
Phase Control Thyristors (Stud Version), 80 A
17-Sep-10
VS-80RIAPBF VISHAY-VS-80RIAPBF Datasheet
187Kb / 8P
Phase Control Thyristors (Stud Version), 80 A
27-Sep-17
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
Phase Control Thyristors (Stud Version), 200 A
28-Sep-17
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
Phase Control Thyristors (Stud Version), 180 A
26-Sep-17
VS-80RIAPBF VISHAY-VS-80RIAPBF_V01 Datasheet
185Kb / 8P
Phase Control Thyristors (Stud Version), 80 A
27-Sep-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com