Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

533 Datasheet (PDF) - Vishay Siliconix

533 Datasheet PDF - Vishay Siliconix
Part # 533_10
Download  533 Download
File Size   100.25 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns

533 Datasheet (PDF)

Go To PDF Page Download Datasheet
533 Datasheet PDF - Vishay Siliconix

Part # 533_10
Download  533 Click to download

File Size   100.25 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns

533 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 533_10

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
533-1001 DIALIGHT-533-1001 Datasheet
66Kb / 1P
513 SERIES SWITCHES
logo
Marl International Limi...
533-102-63 MARL-533-102-63 Datasheet
219Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
533-102-63 MARL-533-102-63 Datasheet
255Kb / 4P
533 series
533-102-63 MARL-533-102-63 Datasheet
255Kb / 4P
industrial panel lamps
533-102-75 MARL-533-102-75 Datasheet
219Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Similar Description - 533_10

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
Turns-Counting Dial
logo
Bi technologies
2640 BITECH-2640 Datasheet
48Kb / 2P
7/8 Diameter Analog Turns Counting Dial
logo
Vishay Siliconix
MODEL533 VISHAY-MODEL533 Datasheet
119Kb / 4P
7/8inch (22 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
02-Jul-07
logo
Rhombus Industries Inc.
T-1041 RHOMBUS-IND-T-1041 Datasheet
35Kb / 1P
Turns Ratio: 10 Turns : 3 Turns
7/15/95
logo
Vishay Siliconix
533-1-1-103 VISHAY-533-1-1-103 Datasheet
103Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
17-Apr-13
535B1502JCB VISHAY-535B1502JCB Datasheet
93Kb / 4P
7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
06-Apr-10
534B VISHAY-534B Datasheet
85Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
18-Mar-14
logo
Copal Electronics
TM-7 COPAL-TM-7 Datasheet
277Kb / 4P
3 TURNS CERMET TRIMMERS
logo
Vishay Siliconix
533 VISHAY-533_V01 Datasheet
98Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
17-May-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com