Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCH10 Datasheet (PDF) - Sanyo Semicon Device

DCH10 Datasheet PDF - Sanyo Semicon Device
Part # DCH10_10
Download  DCH10 Download
File Size   193.81 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Speed Rectifi ers,High-Frequency Rectifi ers

DCH10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DCH10 Datasheet PDF - Sanyo Semicon Device

Part # DCH10_10
Download  DCH10 Click to download

File Size   193.81 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Speed Rectifi ers,High-Frequency Rectifi ers

DCH10 Datasheet (HTML) - Sanyo Semicon Device




Similar Part No. - DCH10_10

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DCH10048S03 XPPOWER-DCH10048S03 Datasheet
87Kb / 2P
DC-DC High Power
DCH10048S05 XPPOWER-DCH10048S05 Datasheet
87Kb / 2P
DC-DC High Power
DCH10048S12 XPPOWER-DCH10048S12 Datasheet
87Kb / 2P
DC-DC High Power
DCH10048S15 XPPOWER-DCH10048S15 Datasheet
87Kb / 2P
DC-DC High Power
DCH10048S1V8 XPPOWER-DCH10048S1V8 Datasheet
87Kb / 2P
DC-DC High Power
More results


Similar Description - DCH10_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT80-06GS SANYO-SBT80-06GS Datasheet
237Kb / 3P
60V, 8A Rectifi er
SBT80-10GS SANYO-SBT80-10GS Datasheet
238Kb / 3P
100V, 8A Rectifi er
logo
Central Semiconductor C...
CBRLD1_SERIES CENTRAL-CBRLD1_SERIES Datasheet
1Mb / 2P
1.0A, 200V thru 1000V Bridge Rectifi ers
CBRLDSH2-60_CBRLDSH2-100 CENTRAL-CBRLDSH2-60_CBRLDSH2-100 Datasheet
1Mb / 2P
2.0A, 60V and 100V Bridge Rectifi ers
CMR1U-02FL_SERIES CENTRAL-CMR1U-02FL_SERIES Datasheet
1Mb / 2P
1.0A, 200V, 400V and 600V Ultra Fast Recovery Rectifi ers in the SMBFL package
logo
DATEL, Inc.
SHM-49 DATEL-SHM-49 Datasheet
174Kb / 3P
Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifi ers
SHM-4860 DATEL-SHM-4860 Datasheet
148Kb / 3P
Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifi ers
SHM-50 DATEL-SHM-50 Datasheet
177Kb / 4P
Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifi ers
SHM-950 DATEL-SHM-950 Datasheet
234Kb / 3P
Miniature, High-Speed 짹0.001% Sample-Hold Amplifi ers
logo
SAMYANG ELECTRONICS CO....
1N4001G SAMYANG-1N4001G_V01 Datasheet
1Mb / 3P
GLASS PASSIVATED RECTIFI ERS
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com