Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY448GP Datasheet (PDF) - Vishay Siliconix

BY448GP Datasheet PDF - Vishay Siliconix
Part # BY448GP
Download  BY448GP Download
File Size   80.25 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Clamper/Damper Glass Passivated Rectifier

BY448GP Datasheet (PDF)

Go To PDF Page Download Datasheet
BY448GP Datasheet PDF - Vishay Siliconix

Part # BY448GP
Download  BY448GP Click to download

File Size   80.25 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Clamper/Damper Glass Passivated Rectifier

BY448GP Datasheet (HTML) - Vishay Siliconix


BY448GP Product details

FEATURES
• Superectifier structure for high reliability application
• Cavity-free glass-passivated junction
• Low forward voltage drop
• Typical IR less than 0.1 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
    For use in high voltage rectification of power supplies, inverters, converters and freewheeling diodes specially designed for clamping circuits, horizontal deflection systems and damper applications.




Similar Part No. - BY448GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BY448GP GULFSEMI-BY448GP Datasheet
84Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
logo
SUNMATE electronic Co.,...
BY448GP SUNMATE-BY448GP Datasheet
116Kb / 2P
2.0A Axial Leaded Sintered Class Junction Plastic Rectifier
logo
Shanghai Leiditech Elec...
BY448GP LEIDITECH-BY448GP Datasheet
257Kb / 2P
1.5A Clamper/Damping diode
logo
Vishay Siliconix
BY448GP VISHAY-BY448GP Datasheet
79Kb / 5P
Miniature Clamper / Damper Glass Passivated Rectifier
05-Oct-2021
BY448GP VISHAY-BY448GP_15 Datasheet
78Kb / 5P
Miniature Clamper/Damper Glass Passivated Fast Rectifier
24-Jul-13
More results


Similar Description - BY448GP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
CG1 GE-CG1 Datasheet
52Kb / 2P
MINIATURE CLAMPER / DAMPER GLASS PASSIVATED JUNCTION RECTIFIER
CG2 GE-CG2 Datasheet
52Kb / 2P
MINIATURE CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
CGP15 VISHAY-CGP15 Datasheet
33Kb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
03-Jan-03
logo
Vaishali Semiconductor
CGP20 VAISH-CGP20 Datasheet
33Kb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
CGP15 VISHAY-CGP15_11 Datasheet
75Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP20 VISHAY-CGP20 Datasheet
79Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
logo
Shenzhen Taychipst Elec...
CGP15 TAYCHIPST-CGP15 Datasheet
1Mb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
DGP15-E3 VISHAY-DGP15-E3 Datasheet
73Kb / 5P
Miniature Clamper/Damper Glass Passivated Plastic Rectifier
11-Dec-13
BY448GP VISHAY-BY448GP_V01 Datasheet
79Kb / 5P
Miniature Clamper / Damper Glass Passivated Rectifier
05-Oct-2021
CGP15 VISHAY-CGP15_V01 Datasheet
75Kb / 5P
Miniature Clamper / Damper Glass Passivated Rectifier
05-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com