Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXA12T600C Datasheet (PDF) - Power Integrations, Inc.

LXA12T600C Datasheet PDF - Power Integrations, Inc.
Part # LXA12T600C
Download  LXA12T600C Download
File Size   128.37 Kbytes
Page   7 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 600 V, 12 A X-Series Common-Cathode Diode

LXA12T600C Datasheet (PDF)

Go To PDF Page Download Datasheet
LXA12T600C Datasheet PDF - Power Integrations, Inc.

Part # LXA12T600C
Download  LXA12T600C Click to download

File Size   128.37 Kbytes
Page   7 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 600 V, 12 A X-Series Common-Cathode Diode

LXA12T600C Datasheet (HTML) - Power Integrations, Inc.


LXA12T600C Product details

General Description
This device has the lowest QRR of any 600V Silicon diode. Its recovery characteristics increase efficiency, reduce EMI and eliminate snubbers.

Features
• Low QRR, Low IRRM, Low tRR
• High dIF/dt capable (1000A/µs)
• Soft recovery

Benefits
• Increases efficiency
   • Eliminates need for snubber circuits
   • Reduces EMI filter component size & count
• Enables extremely fast switching

Applications
• Power Factor Correction (PFC) Boost Diode
• Motor drive circuits
• DC-AC inverters




Similar Part No. - LXA12T600C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA12T600C POWERINT-LXA12T600C Datasheet
210Kb / 7P
600 V, 12 A X-Series Common-Cathode Diode
November 2013
LXA12T600C POWERINT-LXA12T600C_V01 Datasheet
210Kb / 7P
600 V, 12 A X-Series Common-Cathode Diode
November 2013
More results


Similar Description - LXA12T600C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA12T300C POWERINT-LQA12T300C Datasheet
185Kb / 8P
300 V, 12 A Q-Series Common-Cathode Diode
LXA08T600C POWERINT-LXA08T600C Datasheet
95Kb / 7P
600 V, 8 A X-Series Common-Cathode Diode
LXA16T600C POWERINT-LXA16T600C Datasheet
128Kb / 7P
600 V, 16 A X-Series Common-Cathode Diode
LQA10T150C POWERINT-LQA10T150C Datasheet
677Kb / 8P
150 V, 10 A Common-Cathode Diode
January 2015
LQA10T200C POWERINT-LQA10T200C Datasheet
647Kb / 8P
200 V, 10 A Common-Cathode Diode
November 2019
LQA20T150C POWERINT-LQA20T150C Datasheet
550Kb / 8P
150 V, 20 A Common-Cathode Diode
Dec. 2014
LQA40T200C POWERINT-LQA40T200C Datasheet
663Kb / 8P
200 V, 40 A Common-Cathode Diode
January 2015
LXA08T600C POWERINT-LXA08T600C_V01 Datasheet
174Kb / 7P
600 V, 8 A X-Series Common-Cathode Diode
November 2013
LXA12T600C POWERINT-LXA12T600C_V01 Datasheet
210Kb / 7P
600 V, 12 A X-Series Common-Cathode Diode
November 2013
LXA16T600C POWERINT-LXA16T600C_V01 Datasheet
210Kb / 7P
600 V, 16 A X-Series Common-Cathode Diode
November 2013
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com