Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD1120F Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

MTD1120F Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # MTD1120F
Download  MTD1120F Download
File Size   408.25 Kbytes
Page   2 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Stepping Motor Driver ICs

MTD1120F Datasheet (PDF)

Go To PDF Page Download Datasheet
MTD1120F Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # MTD1120F
Download  MTD1120F Click to download

File Size   408.25 Kbytes
Page   2 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Stepping Motor Driver ICs

MTD1120F Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


MTD1120F Product details

FEATURES
●Constant-current chopping function (Off time fixed, self-oscillation)
●4-phase input (with inhibit for simultaneously turn ON)
●Built-in flywheel diodes

Output Voltage VCEO(SUS) 80 V
Output Current IO 1.2 A
Logic Supply Voltage VCC 0~7 V
Logic Input Voltage VIN 0~VCC V




Similar Part No. - MTD1120F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTD1120F SHINDENGEN-MTD1120F_10 Datasheet
186Kb / 2P
Constant Current Control Function (Fixed OFF Time)
MTD1120F SHINDENGEN-MTD1120F_17 Datasheet
206Kb / 4P
Constant Current Control Function (Fixed OFF Time)
More results


Similar Description - MTD1120F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
Stepping motor driver
logo
Shindengen Electric Mfg...
MTD1110 SHINDENGEN-MTD1110 Datasheet
435Kb / 2P
Stepping Motor Driver ICs
MTD1120 SHINDENGEN-MTD1120 Datasheet
421Kb / 2P
Stepping Motor Driver ICs
MTD2001 SHINDENGEN-MTD2001 Datasheet
441Kb / 2P
Stepping Motor Driver ICs
MTD2003 SHINDENGEN-MTD2003 Datasheet
425Kb / 2P
Stepping Motor Driver ICs
MTD2003F SHINDENGEN-MTD2003F Datasheet
417Kb / 2P
Stepping Motor Driver ICs
MTD2005 SHINDENGEN-MTD2005 Datasheet
445Kb / 2P
Stepping Motor Driver ICs
MTD2005F SHINDENGEN-MTD2005F Datasheet
433Kb / 2P
Stepping Motor Driver ICs
logo
Rohm
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
Stepping motor driver
logo
Sanken electric
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
Unipolar 2-Phase Stepping Motor Driver ICs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com