Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1937T Datasheet (PDF) - Sanyo Semicon Device

LB1937T Datasheet PDF - Sanyo Semicon Device
Part # LB1937T
Download  LB1937T Download
File Size   225.27 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1-2 Phase Excitation Stepping Motor Driver

LB1937T Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1937T Datasheet PDF - Sanyo Semicon Device

Part # LB1937T
Download  LB1937T Click to download

File Size   225.27 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1-2 Phase Excitation Stepping Motor Driver

LB1937T Datasheet (HTML) - Sanyo Semicon Device


LB1937T Product details

Overview
The LB1937T is a 2-phase bipolar drive stepping motor driver IC that supports low-voltage drive and can drive two stepping motors at the same time. The LB1937Ts miniature package and minimal number of external components reduces the required mounting area. It also provides high-efficiency motor drive and can reduce circuit current consumption. Since it provides a current detection pin and supports PWM control input, it can be used to implement current chopper control at the system level. The LB1937T is optimal for the stepping motors used for lens drive in digital cameras, printers, and movie cameras.

Functions and Features
• Low saturation voltage forward/reverse motor driver (VO sat = 0.3V at IO = 200mA)
• Four H-bridge channels
• Wide usable voltage range (Allowable voltage range: 2.5V to 9.5V, absolute maximum rating: 10.5V)
• Supports PWM input (Low power consumption can be achieved in slow delay mode that uses IN1/IN2 = H/H logic.)
• Motor (coil) current detection pin
• Built-in thermal shutdown circuit
• Thin form factor miniature package (TSSOP24)




Similar Part No. - LB1937T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1937T ONSEMI-LB1937T Datasheet
187Kb / 7P
1-2 Phase Excitation Stepping Motor Driver
June, 2013
More results


Similar Description - LB1937T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1936V SANYO-LB1936V Datasheet
145Kb / 5P
1-2 Phase Excitation Stepping Motor Driver
LB11948T SANYO-LB11948T_07 Datasheet
137Kb / 13P
PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
2-phase Stepping Motor Driver
LB11948T SANYO-LB11948T_10 Datasheet
161Kb / 13P
PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB1936V ONSEMI-LB1936V Datasheet
151Kb / 5P
Monolithic Digital IC 1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11948T-TLM-E SANYO-LB11948T-TLM-E Datasheet
167Kb / 13P
PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB11948T-TLM-E ONSEMI-LB11948T-TLM-E Datasheet
161Kb / 13P
PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
June, 2013
LB1936V-TLM-E ONSEMI-LB1936V-TLM-E Datasheet
185Kb / 5P
1-2 Phase Excitation Stepper Motor Driver
September, 2013
LB1937T ONSEMI-LB1937T Datasheet
187Kb / 7P
1-2 Phase Excitation Stepping Motor Driver
June, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com