Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1939T Datasheet (PDF) - Sanyo Semicon Device

LB1939T Datasheet PDF - Sanyo Semicon Device
Part # LB1939T
Download  LB1939T Download
File Size   113.74 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2 Channel H Bridge Constant Voltage/ Constant Current Driver IC

LB1939T Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1939T Datasheet PDF - Sanyo Semicon Device

Part # LB1939T
Download  LB1939T Click to download

File Size   113.74 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2 Channel H Bridge Constant Voltage/ Constant Current Driver IC

LB1939T Datasheet (HTML) - Sanyo Semicon Device


LB1939T Product details

Overview
The LB1939T is a two-phase excitation bipolar stepping motor driver that features low voltage operation, a low saturation voltage, and low power consumption. It supports constant voltage and constant current drive, can control two iris motors, and is optimal for shutter, iris, and AF drive in 3 V battery operated still digital cameras and other battery operated equipment.

Features
• Low-voltage drive
    — Dual power supply operation: VS = 1.6 to 7.5 V, VDD = 1.9 to 6.5 V
    — Single power supply operation: VS = VDD = 1.9 to 7.5 V
• Low saturation voltage output: Vosat = 0.3 V at IO = 200 mA
• Supports constant voltage and constant current drive
• Built-in reference voltage circuit (Vref = 0.9 V)
• Miniature, thin form package (Thickness t = 1.1 mm)




Similar Part No. - LB1939T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1939T SANYO-LB1939T Datasheet
67Kb / 7P
2 Channel H Bridge Constant Voltage/Constant Current Driver IC
logo
ON Semiconductor
LB1939T ONSEMI-LB1939T Datasheet
138Kb / 7P
2 Channel H Bridge Constant Voltage/Constant Current Driver
December 2013 - Rev. 0
LB1939T-MPB-E ONSEMI-LB1939T-MPB-E Datasheet
49Kb / 1P
LB1939T Motor Driver, Constant Voltage / Current, H-Bridge, 2-Channel
1/15/2015
LB1939T-TLM-E ONSEMI-LB1939T-TLM-E Datasheet
49Kb / 1P
LB1939T Motor Driver, Constant Voltage / Current, H-Bridge, 2-Channel
1/15/2015
logo
Sanyo Semicon Device
LB1939T SANYO-LB1939T_09 Datasheet
67Kb / 7P
2 Channel H Bridge Constant Voltage/Constant Current Driver IC
More results


Similar Description - LB1939T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_06 Datasheet
297Kb / 8P
2-ch H-Bridge Constant Current Driver
LV8082LP_0712 SANYO-LV8082LP_0712 Datasheet
104Kb / 6P
Constant-voltage 1ch Constant-current 1ch H-Bridge
LB1939T SANYO-LB1939T_09 Datasheet
67Kb / 7P
2 Channel H Bridge Constant Voltage/Constant Current Driver IC
LB1940T SANYO-LB1940T_09 Datasheet
267Kb / 8P
2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940T ONSEMI-LB1940T Datasheet
305Kb / 8P
Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
June, 2013
LB1940T-TLM-H ONSEMI-LB1940T-TLM-H Datasheet
251Kb / 8P
2-ch H-Bridge Constant Current Driver
December, 2013
LB1939T-TLM-E ONSEMI-LB1939T-TLM-E Datasheet
49Kb / 1P
LB1939T Motor Driver, Constant Voltage / Current, H-Bridge, 2-Channel
1/15/2015
logo
Global Mixed-mode Techn...
G2004 GMT-G2004 Datasheet
63Kb / 1P
Constant current type 1-CH H-bridge driver IC
logo
SHENZHEN FUMAN ELECTRON...
FM1800 FUMAN-FM1800 Datasheet
343Kb / 6P
Constant current constant voltage IC
logo
ON Semiconductor
LB1939T ONSEMI-LB1939T Datasheet
138Kb / 7P
2 Channel H Bridge Constant Voltage/Constant Current Driver
December 2013 - Rev. 0
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com