Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5124 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC5124 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC5124
Download  2SC5124 Download
File Size   153.75 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistors

2SC5124 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5124 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC5124
Download  2SC5124 Click to download

File Size   153.75 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistors

2SC5124 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC5124 Product details

DESCRIPTION
· With TO-3PML package
· High voltage switchihg transistor

APPLICATIONS
· Display horizontal deflection output
· Switching regulator and general purpose

VCBO Collector-base voltage Open emitter 1500V
VCEO Collector-emitter voltage Open base 800V
VEBO Emitter-base voltage Open collector 6V
IC Collector current 10A
ICM Collector current-peak 20A
IB Base current 5A




Similar Part No. - 2SC5124

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC5124 SANKEN-2SC5124 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output, Switching Regulator and General Purpose)
logo
Savantic, Inc.
2SC5124 SAVANTIC-2SC5124 Datasheet
180Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5124 JMNIC-2SC5124 Datasheet
202Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5124 SAVANTIC-2SC5124 Datasheet
182Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5124 JMNIC-2SC5124_15 Datasheet
202Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SC5124

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com