Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R063B Datasheet (PDF) - Holtek Semiconductor Inc

HT48R063B Datasheet PDF - Holtek Semiconductor Inc
Part # HT48R063B
Download  HT48R063B Download
File Size   483.69 Kbytes
Page   84 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced I/O Type 8-Bit OTP MCU

HT48R063B Datasheet (PDF)

Go To PDF Page Download Datasheet
HT48R063B Datasheet PDF - Holtek Semiconductor Inc

Part # HT48R063B
Download  HT48R063B Click to download

File Size   483.69 Kbytes
Page   84 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced I/O Type 8-Bit OTP MCU

HT48R063B Datasheet (HTML) - Holtek Semiconductor Inc


HT48R063B Product details

General Description

The Enhanced I/O MCUs are a series of 8-bit high performance, RISC architecture microcontrollers specifically designed for a wide range of applications. The usual Holtek microcontroller features of low power consumption, I/O flexibility, timer functions, oscillator options, power down and wake-up functions, watchdog timer and low voltage reset, combine to provide devices with a huge range of functional options while still maintaining a high level of cost effectiveness. The fully integrated system oscillator HIRC, which requires no external components and which has three frequency selections, opens up a huge range of new application possibilities for these devices, some of which may include industrial control, consumer products, household appliances subsystem controllers, etc.



Features

CPU Features

Operating voltage:

  fSYS= 4MHz: 2.2V~5.5V

  fSYS= 8MHz: 3.0V~5.5V

  fSYS= 12MHz: 4.5V~5.5V

Up to 0.33s instruction cycle with 12MHz system clock at VDD= 5V

Oscillator types:

  External high freuency Crystal -- HXT

  External RC -- ERC

  Internal high frequency RC -- HIRC

  External low frequency crystal -- LXT

Three operational modes: Normal, Slow, Sleep

Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components

Watchdog Timer function

LIRC oscillator function for watchdog timer

All instructions executed in one or two instruction cycles

Table read instructions

63 powerful instructions

Up to 4-level subroutine nesting

Bit manipulation instruction

Low voltage reset function

Wide range of available package types



Peripheral Features

Up to 26 bidirectional I/O lines

Software controlled 4-SCOM lines LCD COM driver with 1/2 bias

External interrupt input shared with an I/O line

Up to two 8-bit programmable Timer/Event Counter with overflow interrupt and prescaler

Time-Base function

Programmable Frequency Divider - PFD




Similar Part No. - HT48R063B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
Enhanced I/O Type 8-Bit OTP MCU
June 3, 2013
More results


Similar Description - HT48R063B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
I/O Type 8-Bit OTP MCU
September 27, 2006
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
Enhanced I/O Type 8-Bit OTP MCU
June 9, 2009
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
Enhanced I/O Type 8-Bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
Enhanced I/O Type 8-bit OTP MCU with OPA
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
Enhanced I/O Type 8-bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
Enhanced I/O Type 8-Bit OTP MCU
June 3, 2013
HT48R068B HOLTEK-HT48R068B_15 Datasheet
4Mb / 118P
Enhanced I/O 8-Bit OTP MCU
February 05, 2015
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com