Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT72D1518 Datasheet (PDF) - Holtek Semiconductor Inc

HT72D1518 Datasheet PDF - Holtek Semiconductor Inc
Part # HT72D1518
Download  HT72D1518 Download
File Size   6222.25 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description High PSRR 300mA Dual LDO Regulator

HT72D1518 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT72D1518 Datasheet PDF - Holtek Semiconductor Inc

Part # HT72D1518
Download  HT72D1518 Click to download

File Size   6222.25 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description High PSRR 300mA Dual LDO Regulator

HT72D1518 Datasheet (HTML) - Holtek Semiconductor Inc


HT72D1518 Product details

General Description

The HT72Dxxxx series are CMOS-based voltage regulator ICs with high output voltage accuracy, The devices possess the benefits of dual outputs, low output noise, high ripple rejection ratio, low dropout and very fast turn-on times.



Features

● Output Current: 300mA/Each Channel

● Dropout Voltage: 0.34V (Typ.) (VOUT=2.5V@IOUT=300mA)

● Maximum Input Voltage: 7.0V

● Output Voltage Range: 1.5~5.0V

● High Output Voltage Accuracy: ±2%

● Low Power Consumption: 30μA (typ.)

● High Ripple Rejection: 70dB (1kHz@IOUT=30mA)

● Operating Temperature: -40°C~85°C

● Low ESR Capacitor Compatible: Ceramic Capacitor

● Over Temperature Protection

● Current Limiting

● Ultra Small Package: SOT23-6



Applications

● Mobile phones

● Cordless phones and radio communication equipment

● Portable games

● Camera, Video recorders

● Portable audio equipment




Similar Part No. - HT72D1518

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7218 HOLTEK-HT7218 Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
HT7225 HOLTEK-HT7225 Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
HT7227 HOLTEK-HT7227 Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
HT7230 HOLTEK-HT7230 Datasheet
358Kb / 10P
General Purpose Regulator
September 9, 1999
HT7230 HOLTEK-HT7230 Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
More results


Similar Description - HT72D1518

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
300mA, Low Power, High PSRR LDO Regulator
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
High PSRR 300mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8566 BELLING-BL8566 Datasheet
178Kb / 7P
Dual 300mA High PSRR LDO
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
300mA, High PSRR, Tiny package, LDO Regulator
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
300mA, High PSRR, LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
300mA, High PSRR, Low Noise, Adjustable LDO Regulator
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com