Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D458 Datasheet (PDF) - Inchange Semiconductor Company Limited

D458 Datasheet PDF - Inchange Semiconductor Company Limited
Part # D458
Download  D458 Download
File Size   221.5 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistors

D458 Datasheet (PDF)

Go To PDF Page Download Datasheet
D458 Datasheet PDF - Inchange Semiconductor Company Limited

Part # D458
Download  D458 Click to download

File Size   221.5 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistors

D458 Datasheet (HTML) - Inchange Semiconductor Company Limited


D458 Product details

DESCRIPTION
• Collector-Emitter Breakdown Voltage- : V(BR)CEO= 400V(Min)
• High Power Dissipation- : PC= 80W(Max)@TC=25℃

APPLICATIONS
• Designed for high power amplifier and switching applications.




Similar Part No. - D458

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D45 FREQUENCYDEVICES-D45 Datasheet
442Kb / 3P
Sinewave Oscillator
logo
PETERMANN-TECHNIK
D45 PETERMANN-D45 Datasheet
83Kb / 7P
HIGH RELIABILITY FOR LOW COST
D45 PETERMANN-D45 Datasheet
90Kb / 5P
HIGH RELIABILITY FOR LOW COST
D45-48 PETERMANN-D45-48 Datasheet
83Kb / 7P
HIGH RELIABILITY FOR LOW COST
logo
Frequency Devices, Inc.
D45-849HZ FREQUENCYDEVICES-D45-849HZ Datasheet
442Kb / 3P
Sinewave Oscillator
More results


Similar Description - D458

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com