Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1416 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SD1416 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SD1416
Download  2SD1416 Download
File Size   244.88 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Darlington Power Transistor

2SD1416 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1416 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SD1416
Download  2SD1416 Click to download

File Size   244.88 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Darlington Power Transistor

2SD1416 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SD1416 Product details

DESCRIPTION
• Collector-Emitter Breakdown Voltage- : V(BR)CEO= 80V(Min)
• Collector-Emitter Saturation Voltage- : VCE(sat)= 1.5V(Max) @IC= 3A
• High DC Current Gain : hFE= 2000(Min) @ IC= 3A, VCE= 3V
• Complement to Type 2SB1021

APPLICATIONS
• Hammer driver,pulse motor drive applications.
• High power switching applications.




Similar Part No. - 2SD1416

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD1410 ISC-2SD1410 Datasheet
147Kb / 3P
isc Silicon NPN Darlington Power Transistor
logo
Toshiba Semiconductor
2SD1410A TOSHIBA-2SD1410A Datasheet
163Kb / 3P
NPN TRIPLE DIFFUSED TYPE (IGNITER, HIGH VOLTAGE SWITCHING APPLICATIONS)
2SD1410A TOSHIBA-2SD1410A Datasheet
146Kb / 4P
High Voltage Switching Applications
21-Dec-2009
2SD1410A TOSHIBA-2SD1410A_09 Datasheet
146Kb / 4P
High Voltage Switching Applications
21-Dec-2009
logo
Savantic, Inc.
2SD1411 SAVANTIC-2SD1411 Datasheet
167Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SD1416

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com