Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3WB60 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

S3WB60 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # S3WB60
Download  S3WB60 Download
File Size   267.78 Kbytes
Page   5 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Bridge Diode(600V 2.3A)

S3WB60 Datasheet (PDF)

Go To PDF Page Download Datasheet
S3WB60 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # S3WB60
Download  S3WB60 Click to download

File Size   267.78 Kbytes
Page   5 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Bridge Diode(600V 2.3A)

S3WB60 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


S3WB60 Product details

High Voltage Diodes for Microwave Oven

SRK-12ZB : Vrm = 7kV, Io = 0.4 A, Ifsm = 30A, Vf(max) = 6V, If = 0.4A, Vz = 8.5kV

Other partnumber in pdf :

D120SC3M, D120SC4M, D180SC3M, D180SC4M, D1K20, D1K20H, D1K40, D1R100, D1R150, D1R20, D1R20Z, D1R40Z, D1R60, D1R80, D240SC3M, D240SC4M, D360SC3M
D360SC4M, D4BB10, D4BB20, D4BB40, S10WB10, S10WB20, S10WB40, S10WB60
S15WB10, S15WB20, S15WB40, S15WB60, S1S3M, S1S4M, S20WB10, S20WB20, S20WB40, S20WB60, S3WB10, S3WB20, S3WB40, S3WB60, S3WB60Z, SRK12ZB,




Similar Part No. - S3WB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S3WB20 SHINDENGEN-S3WB20 Datasheet
267Kb / 5P
Bridge Diode(200V 2.3A)
logo
New Jersey Semi-Conduct...
S3WB20 NJSEMI-S3WB20 Datasheet
140Kb / 2P
SILICON BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
S3WB20 EIC-S3WB20 Datasheet
75Kb / 2P
SILICON BRIDGE RECTIFIER
Rev. 02 : March 24, 2005
More results


Similar Description - S3WB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S10VB60 SHINDENGEN-S10VB60 Datasheet
261Kb / 5P
Bridge Diode(600V 10A)
S10WB60 SHINDENGEN-S10WB60 Datasheet
282Kb / 6P
Bridge Diode(600V 10A)
S15VB60 SHINDENGEN-S15VB60 Datasheet
262Kb / 5P
Bridge Diode(600V 15A)
S15WB60 SHINDENGEN-S15WB60 Datasheet
310Kb / 6P
Bridge Diode(600V 15A)
S20WB60 SHINDENGEN-S20WB60 Datasheet
312Kb / 6P
Bridge Diode(600V 20A)
S2VB60 SHINDENGEN-S2VB60 Datasheet
259Kb / 5P
Bridge Diode(600V 2A)
S3WB20 SHINDENGEN-S3WB20 Datasheet
267Kb / 5P
Bridge Diode(200V 2.3A)
S4VB60 SHINDENGEN-S4VB60 Datasheet
261Kb / 5P
Bridge Diode(600V 4A)
S50VB60 SHINDENGEN-S50VB60 Datasheet
302Kb / 5P
Bridge Diode(600V 50A)
S5VB60 SHINDENGEN-S5VB60 Datasheet
262Kb / 5P
Bridge Diode(600V 6A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com