Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F10SC4 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

F10SC4 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # F10SC4
Download  F10SC4 Download
File Size   617.58 Kbytes
Page   10 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Schottky Rectifiers (SBD) (40V 10A)

F10SC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
F10SC4 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # F10SC4
Download  F10SC4 Click to download

File Size   617.58 Kbytes
Page   10 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Schottky Rectifiers (SBD) (40V 10A)

F10SC4 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


F10SC4 Product details

FEATURES
● Tj150℃
● PRRSM avalanche guaranteed
● Fully Isolated Molding
● Dielectric strength 2kV guaranteed

APPLICATION
● Switching power supply
● DC/DC converter
● Home Appliances, Office Equipment
● Telecommunication




Similar Part No. - F10SC4

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
F10S100CT THINKISEMI-F10S100CT Datasheet
263Kb / 2P
10.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
Edition:20210604-V2
F10S120CT THINKISEMI-F10S120CT Datasheet
263Kb / 2P
10.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
Edition:20210604-V2
F10S20CT THINKISEMI-F10S20CT Datasheet
263Kb / 2P
10.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
Edition:20210604-V2
logo
List of Unclassifed Man...
F10S30 ETC1-F10S30 Datasheet
45Kb / 1P
LVX Series Power MOSFET
logo
Thinki Semiconductor Co...
F10S30CT THINKISEMI-F10S30CT Datasheet
263Kb / 2P
10.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
Edition:20210604-V2
More results


Similar Description - F10SC4

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SBS4 SHINDENGEN-D10SBS4 Datasheet
684Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
D10SC4M SHINDENGEN-D10SC4M Datasheet
695Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
D10SC4MR SHINDENGEN-D10SC4MR Datasheet
694Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
D120SC4M SHINDENGEN-D120SC4M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (40V 120A)
D180SC4M SHINDENGEN-D180SC4M Datasheet
17Kb / 1P
Schottky Rectifiers (SBD) (40V 180A)
D1FS4 SHINDENGEN-D1FS4 Datasheet
599Kb / 12P
Schottky Rectifiers (SBD) (40V 1.1A)
DE10SC4 SHINDENGEN-DE10SC4 Datasheet
529Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
DF10SC4M SHINDENGEN-DF10SC4M Datasheet
593Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
S10SC4M SHINDENGEN-S10SC4M Datasheet
566Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
SF10SC4R SHINDENGEN-SF10SC4R Datasheet
553Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com