Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF10SC9 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

SF10SC9 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # SF10SC9
Download  SF10SC9 Download
File Size   531.73 Kbytes
Page   10 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Schottky Rectifiers (SBD)(90V 10A)

SF10SC9 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF10SC9 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # SF10SC9
Download  SF10SC9 Click to download

File Size   531.73 Kbytes
Page   10 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Schottky Rectifiers (SBD)(90V 10A)

SF10SC9 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


SF10SC9 Product details

FEATURES
● Tj 150℃
● PRRSM avalanche guaranteed
● Fully Isolated Molding
● Dielectric strength 2kV guaranteed

APPLICATION
● Switching power supply
● DC/DC converter
● Home Appliances, Office Equipment
● Telecommunication




Similar Part No. - SF10SC9

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF10SC3L SHINDENGEN-SF10SC3L Datasheet
549Kb / 10P
Schottky Rectifiers (SBD) (30V 10A)
SF10SC4 SHINDENGEN-SF10SC4 Datasheet
617Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
SF10SC4R SHINDENGEN-SF10SC4R Datasheet
553Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
SF10SC6 SHINDENGEN-SF10SC6 Datasheet
554Kb / 10P
Schottky Rectifiers (SBD) (60V 10A)
More results


Similar Description - SF10SC9

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SC4MR SHINDENGEN-D10SC4MR Datasheet
694Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
D10SC6MR SHINDENGEN-D10SC6MR Datasheet
695Kb / 11P
Schottky Rectifiers (SBD) (60V 10A)
D10SC9M SHINDENGEN-D10SC9M Datasheet
599Kb / 11P
Schottky Rectifiers (SBD) (90V 10A)
D20SC9M SHINDENGEN-D20SC9M Datasheet
591Kb / 10P
Schottky Rectifiers (SBD) (90V 20A)
D5S9M SHINDENGEN-D5S9M Datasheet
603Kb / 11P
Schottky Rectifiers (SBD) (90V 5A)
DF10SC6 SHINDENGEN-DF10SC6 Datasheet
521Kb / 10P
Schottky Rectifiers (SBD) (60V 10A)
DF10SC9 SHINDENGEN-DF10SC9 Datasheet
585Kb / 10P
Schottky Rectifiers (SBD) (90V 10A)
DF20SC9M SHINDENGEN-DF20SC9M Datasheet
536Kb / 10P
Schottky Rectifiers (SBD) (90V 20A)
S10SC4M SHINDENGEN-S10SC4M Datasheet
566Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
S20SC9M SHINDENGEN-S20SC9M Datasheet
534Kb / 10P
Schottky Rectifiers (SBD) (90V 20A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com