Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA57SA50LCP Datasheet (PDF) - Vishay Siliconix

FA57SA50LCP Datasheet PDF - Vishay Siliconix
Part # FA57SA50LCP
Download  FA57SA50LCP Download
File Size   204.41 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET, 57 A

FA57SA50LCP Datasheet (PDF)

Go To PDF Page Download Datasheet
FA57SA50LCP Datasheet PDF - Vishay Siliconix

Part # FA57SA50LCP
Download  FA57SA50LCP Click to download

File Size   204.41 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET, 57 A

FA57SA50LCP Datasheet (HTML) - Vishay Siliconix




Similar Part No. - FA57SA50LCP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
FA57SA50LC IRF-FA57SA50LC Datasheet
131Kb / 8P
HEXFET Power MOSFET
More results


Similar Description - FA57SA50LCP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SOD-57 VISHAY-SOD-57 Datasheet
33Kb / 2P
SOD-57
04-Dec-03
logo
ON Semiconductor
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTTFS4821N ONSEMI-NTTFS4821N Datasheet
138Kb / 6P
Power MOSFET 30 V, 57 A, Single N?묬hannel, u8FL
June, 2009 ??Rev. 3
logo
Vishay Siliconix
EMF050J60U VISHAY-EMF050J60U Datasheet
282Kb / 17P
3-Levels Half-Bridge Inverter Stage, 60 A/57 A
18-Mar-11
logo
Samtec, Inc
ASP-134485-01 SAMTEC-ASP-134485-01 Datasheet
415Kb / 4P
VITA 57 CONNECTOR
logo
Fairchild Semiconductor
FDI150N10 FAIRCHILD-FDI150N10 Datasheet
563Kb / 8P
N-Channel PowerTrench짰 MOSFET 100 V, 57 A, 16 m廓
logo
Vishay Siliconix
VS-EMF050J60U VISHAY-VS-EMF050J60U Datasheet
314Kb / 17P
3-Levels Half Bridge Inverter Stage, 60 A, 57 A
12-Jun-15
logo
ON Semiconductor
NTHL041N60S5H ONSEMI-NTHL041N60S5H Datasheet
349Kb / 9P
MOSFET - Power, Single N-Channel, SUPERFET V, FAST, TO247-3L 600 V, 41 m, 57 A
August, 2021-Rev. 2
logo
Vishay Siliconix
VS-20MT120PFP VISHAY-VS-20MT120PFP Datasheet
216Kb / 10P
“Full Bridge” IGBT MTP (TrenchStop IGBT), 57 A
26-Jul-2021
VS-20MT120PFP VISHAY-VS-20MT120PFP_V01 Datasheet
217Kb / 10P
“Full Bridge” IGBT MTP (TrenchStop IGBT), 57 A
26-Jul-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com