Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB180SA10P Datasheet (PDF) - Vishay Siliconix

FB180SA10P Datasheet PDF - Vishay Siliconix
Part # FB180SA10P
Download  FB180SA10P Download
File Size   189.66 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET, 180 A

FB180SA10P Datasheet (PDF)

Go To PDF Page Download Datasheet
FB180SA10P Datasheet PDF - Vishay Siliconix

Part # FB180SA10P
Download  FB180SA10P Click to download

File Size   189.66 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET, 180 A

FB180SA10P Datasheet (HTML) - Vishay Siliconix




Similar Part No. - FB180SA10P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FB180SA10P VISHAY-FB180SA10P Datasheet
174Kb / 9P
Power MOSFET, 180 A
30-Jul-10
FB180SA10P VISHAY-FB180SA10P_V01 Datasheet
174Kb / 9P
Power MOSFET, 180 A
30-Jul-10
More results


Similar Description - FB180SA10P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
180NQ045PBF VISHAY-180NQ045PBF Datasheet
114Kb / 6P
Schottky Rectifier, 180 A
28-Apr-08
182NQ030PBF VISHAY-182NQ030PBF Datasheet
112Kb / 6P
Schottky Rectifier, 180 A
06-May-08
183NQ100PBF VISHAY-183NQ100PBF Datasheet
112Kb / 6P
Schottky Rectifier, 180 A
06-May-08
logo
STMicroelectronics
STH270N4F3-2 STMICROELECTRONICS-STH270N4F3-2 Datasheet
1,023Kb / 19P
N-channel 40 V, 1.4 mΩ typ., 180 A STripFET III Power MOSFET
14-Mar-2013
logo
Renesas Technology Corp
NP179N055TUK RENESAS-NP179N055TUK Datasheet
335Kb / 8P
55 V ??180 A ??N-channel Power MOS FET
logo
ON Semiconductor
FCMT180N65S3 ONSEMI-FCMT180N65S3 Datasheet
479Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 17 A, 180 m
February, 2020 ??Rev. 5
NTTFS1D2N02P1E ONSEMI-NTTFS1D2N02P1E Datasheet
548Kb / 7P
MOSFET - Power, Single N-Channel, Power33 25 V, 1.0 m, 180 A
September, 2019 ??Rev. 1
logo
Vishay Siliconix
FB180SA10P VISHAY-FB180SA10P_V01 Datasheet
174Kb / 9P
Power MOSFET, 180 A
30-Jul-10
logo
STMicroelectronics
STH200N10WF7-2 STMICROELECTRONICS-STH200N10WF7-2 Datasheet
377Kb / 14P
N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET
13-Jul-2022
logo
Renesas Technology Corp
N0531N RENESAS-N0531N Datasheet
769Kb / 7P
N-channel MOSFET 55 V, 180 A, 1.9 mΩ
2019.9.30
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com