Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX83 Datasheet (PDF) - Inchange Semiconductor Company Limited

BDX83 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BDX83
Download  BDX83 Download
File Size   229.93 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Darlington Power Transistor

BDX83 Datasheet (PDF)

Go To PDF Page Download Datasheet
BDX83 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BDX83
Download  BDX83 Click to download

File Size   229.93 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Darlington Power Transistor

BDX83 Datasheet (HTML) - Inchange Semiconductor Company Limited


BDX83 Product details

DESCRIPTION
• High DC Current Gain- : hFE= 1000(Min)@ IC= 5A
• Collector-Emitter Sustaining Voltage- : VCEO(SUS) = 45V(Min)- BDX83; 60V(Min)- BDX83A 80V(Min)- BDX83B; 100V(Min)- BDX83C

APPLICATIONS
• Power switching
• Hammer drivers
• Series and shunt regulators
• Audio amplifiers




Similar Part No. - BDX83

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX83 SEME-LAB-BDX83 Datasheet
12Kb / 1P
Bipolar NPN Device
logo
New Jersey Semi-Conduct...
BDX83 NJSEMI-BDX83 Datasheet
135Kb / 2P
Silicon NPN Darlington Power Transistor
BDX83A NJSEMI-BDX83A Datasheet
135Kb / 2P
Silicon NPN Darlington Power Transistor
BDX83B NJSEMI-BDX83B Datasheet
135Kb / 2P
Silicon NPN Darlington Power Transistor
BDX83C NJSEMI-BDX83C Datasheet
135Kb / 2P
Silicon NPN Darlington Power Transistor
More results


Similar Description - BDX83

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com