Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GA200SA60SP Datasheet (PDF) - Vishay Siliconix

GA200SA60SP Datasheet PDF - Vishay Siliconix
Part # GA200SA60SP
Download  GA200SA60SP Download
File Size   182.52 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Insulated Gate Bipolar Transistor Ultralow VCE(on), 342 A

GA200SA60SP Datasheet (PDF)

Go To PDF Page Download Datasheet
GA200SA60SP Datasheet PDF - Vishay Siliconix

Part # GA200SA60SP
Download  GA200SA60SP Click to download

File Size   182.52 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Insulated Gate Bipolar Transistor Ultralow VCE(on), 342 A

GA200SA60SP Datasheet (HTML) - Vishay Siliconix


GA200SA60SP Product details

Insulated Gate Bipolar Transistor Ultralow VCERevision: 22-Jul-10
(on), 342 A



FEATURES

• Standard: Optimized for minimum saturation voltage and low speed up to 5 kHz

• Lowest conduction losses available

• Fully isolated package (2500 VAC)

• Very low internal inductance (5 nH typical)

• Industry standard outline

• UL approved file E78996

• Compliant to RoHS directive 2002/95/EC

• Designed and qualified for industrial level



BENEFITS

• Designed for increased operating efficiency in power conversion: UPS, SMPS, TIG welding, induction heating

• Easy to assemble and parallel

• Direct mounting to heatsink

• Plug-in compatible with other SOT-227 packages




Similar Part No. - GA200SA60SP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA200SA60SP IRF-GA200SA60SP Datasheet
322Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
logo
Vishay Siliconix
GA200SA60SP VISHAY-GA200SA60SP Datasheet
181Kb / 9P
Insulated Gate Bipolar Transistor Ultralow VCE(on), 342 A
22-Jul-10
GA200SA60SP VISHAY-GA200SA60SP_V01 Datasheet
181Kb / 9P
Insulated Gate Bipolar Transistor Ultralow VCE(on), 342 A
22-Jul-10
More results


Similar Description - GA200SA60SP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30K IRF-IRG4BC30K Datasheet
137Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4BC30U IRF-IRG4BC30U Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4PC30F IRF-IRG4PC30F Datasheet
145Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4PC40W IRF-IRG4PC40W Datasheet
116Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A)
IRGBF20F IRF-IRGBF20F Datasheet
255Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vce=900V, @Vge=15V, Ic=5.3A)
IRG4BH20K-LPBF IRF-IRG4BH20K-LPBF Datasheet
298Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR ( VCES=1200V , VCE(on)typ.=3.17V , @VGE=15V.Ic=5.0A )
logo
Vishay Siliconix
VS-GA250SA60S VISHAY-VS-GA250SA60S Datasheet
288Kb / 9P
Insulated Gate Bipolar Transistor Ultralow VCE(on), 250 A
20-May-16
GA200SA60SP VISHAY-GA200SA60SP_V01 Datasheet
181Kb / 9P
Insulated Gate Bipolar Transistor Ultralow VCE(on), 342 A
22-Jul-10
VS-GT250SA60S VISHAY-VS-GT250SA60S Datasheet
196Kb / 9P
Insulated Gate Bipolar Transistor Ultralow VCE(on), 250 A
20-Jul-2021
VS-GT250SA60S VISHAY-VS-GT250SA60S_V01 Datasheet
196Kb / 9P
Insulated Gate Bipolar Transistor Ultralow VCE(on), 250 A
20-Jul-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com