Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GA200TS60UPBF Datasheet (PDF) - Vishay Siliconix

GA200TS60UPBF Datasheet PDF - Vishay Siliconix
Part # GA200TS60UPBF
Download  GA200TS60UPBF Download
File Size   239.87 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description "Half-Bridge" IGBT INT-A-PAK (Ultrafast Speed IGBT), 200 A

GA200TS60UPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
GA200TS60UPBF Datasheet PDF - Vishay Siliconix

Part # GA200TS60UPBF
Download  GA200TS60UPBF Click to download

File Size   239.87 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description "Half-Bridge" IGBT INT-A-PAK (Ultrafast Speed IGBT), 200 A

GA200TS60UPBF Datasheet (HTML) - Vishay Siliconix


GA200TS60UPBF Product details

Half-Bridge IGBT INT-A-PAK (Ultrafast Speed IGBT), 200 A



FEATURES

• Generation 4 IGBT technology

• Ultrafast: Optimized for high speed 8 kHz to 40 kHz in hard switching, > 200 kHz in resonant

mode

• Very low conduction and switching losses

• HEXFRED® antiparallel diodes with ultrasoft recovery

• Industry standard package

• UL approved file E78996

• Compliant to RoHS directive 2002/95/EC

• Designed and qualified for industrial level



BENEFITS

• Increased operating efficiency

• Direct mounting to heatsink

• Performance optimized for power conversion: UPS, SMPS, welding

• Low EMI, requires less snubbing




Similar Part No. - GA200TS60UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA200TS60U IRF-GA200TS60U Datasheet
303Kb / 10P
HALF-BRIDGE IGBT INT-A-PAK Ultra-Fast Speed IGBT
GA200TS60UX IRF-GA200TS60UX Datasheet
205Kb / 9P
Ultra-FastTM Speed IGBT
More results


Similar Description - GA200TS60UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA100TS60SQ IRF-GA100TS60SQ Datasheet
113Kb / 7P
HALF-BRIDGE IGBT INT-A-PAK Standard Speed IGBT
GA200HS60S1 IRF-GA200HS60S1 Datasheet
67Kb / 6P
HALF-BRIDGE IGBT INT-A-PAK Standard Speed IGBT
logo
Vishay Siliconix
GA75TS120UPBF VISHAY-GA75TS120UPBF Datasheet
247Kb / 9P
"Half-Bridge" IGBT INT-A-PAK (Ultrafast Speed IGBT), 75 A
03-May-10
GA100TS120UPBF VISHAY-GA100TS120UPBF Datasheet
296Kb / 10P
"Half-Bridge" IGBT INT-A-PAK (Ultrafast Speed IGBT), 100 A
04-May-10
GA200HS60S1PBF VISHAY-GA200HS60S1PBF Datasheet
128Kb / 6P
"Half-Bridge" IGBT INT-A-PAK (Standard Speed IGBT), 200 A
03-May-10
GB100TS60NPBF VISHAY-GB100TS60NPBF Datasheet
200Kb / 9P
INT-A-PAK "Half-Bridge" (Ultrafast Speed IGBT), 108 A
04-May-10
GB150TS60NPBF VISHAY-GB150TS60NPBF Datasheet
202Kb / 9P
INT-A-PAK "Half-Bridge" (Ultrafast Speed IGBT), 138 A
04-May-10
GB200TS60NPBF VISHAY-GB200TS60NPBF Datasheet
202Kb / 9P
INT-A-PAK "Half-Bridge" (Ultrafast Speed IGBT), 209 A
04-May-10
VS-GB100TS60NPBF VISHAY-VS-GB100TS60NPBF Datasheet
213Kb / 9P
INT-A-PAK Half-Bridge (Ultrafast Speed IGBT), 108 A
10-Jun-15
VS-GB150TS60NPBF VISHAY-VS-GB150TS60NPBF Datasheet
203Kb / 9P
INT-A-PAK Half-Bridge(Ultrafast Speed IGBT), 138 A
10-Jun-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com