Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCP1208 Datasheet (PDF) - Sanyo Semicon Device

PCP1208 Datasheet PDF - Sanyo Semicon Device
Part # PCP1208
Download  PCP1208 Download
File Size   390.18 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LED Back Light

PCP1208 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCP1208 Datasheet PDF - Sanyo Semicon Device

Part # PCP1208
Download  PCP1208 Click to download

File Size   390.18 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LED Back Light

PCP1208 Datasheet (HTML) - Sanyo Semicon Device


PCP1208 Product details

NPN Epitaxial Planar Silicon Transistor

Features
• VCEO=200V, IC=0.7A 
• High allowable power dissipation 
• Halogen free compliance
• Low collector-to-emitter saturation voltage VCE(sat)=0.115V(typ.)@IC=0.35A
• High-speed switching tf=70ns(typ.)@IC=0.3A




Similar Part No. - PCP1208

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
PCP1208-TD-H ONSEMI-PCP1208-TD-H Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
More results


Similar Description - PCP1208

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM32GS12L-4 HANTRONIX-HDM32GS12L-4 Datasheet
31Kb / 1P
128 X 32 Dots Graphic, LED Back Light
logo
Microsemi Corporation
LX1996 MICROSEMI-LX1996 Datasheet
1,018Kb / 22P
Multi-string LED Back-light Controller
logo
LIGITEK electronics co....
L-00501DBK-S LIGITEK-L-00501DBK-S Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501DBK-S-LF LIGITEK-L-00501DBK-S-LF Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501HRF-S LIGITEK-L-00501HRF-S Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501VY-S LIGITEK-L-00501VY-S Datasheet
103Kb / 5P
LED BACK LIGHT (4 Inch)
logo
Sanyo Semicon Device
AML2002 SANYO-AML2002 Datasheet
364Kb / 4P
NPN Epitaxial Planar Silicon Transistor LED Back Light
logo
Microsemi Corporation
LX23108A MICROSEMI-LX23108A Datasheet
79Kb / 2P
8 Ports LED Back Light High Voltage Driver
logo
LIGITEK electronics co....
L-02401G-B5 LIGITEK-L-02401G-B5 Datasheet
226Kb / 1P
BACK LIGHT
L-02402G-B6.4 LIGITEK-L-02402G-B6.4 Datasheet
60Kb / 1P
BACK LIGHT
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com