Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA08TA60CSPBF Datasheet (PDF) - Vishay Siliconix

HFA08TA60CSPBF Datasheet PDF - Vishay Siliconix
Part # HFA08TA60CSPBF
Download  HFA08TA60CSPBF Download
File Size   190.56 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HEXFRED Ultrafast Soft Recovery Diode, 2 x 4 A

HFA08TA60CSPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA08TA60CSPBF Datasheet PDF - Vishay Siliconix

Part # HFA08TA60CSPBF
Download  HFA08TA60CSPBF Click to download

File Size   190.56 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HEXFRED Ultrafast Soft Recovery Diode, 2 x 4 A

HFA08TA60CSPBF Datasheet (HTML) - Vishay Siliconix


HFA08TA60CSPBF Product details

DESCRIPTION
VS-HFA08TA60CSPbF is a state of the art center tap ultrafast recovery diode. Employing the latest in epitaxial construction and advanced processing techniques it features a superb combination of characteristics which result in performance which is unsurpassed by any rectifier previously available. With basic ratings of 600 V and 4 A per leg continuous current, the VS-HFA08TA60CSPbF is especially well suited for use as the companion diode for IGBTs and MOSFETs. In addition to ultrafast recovery time, the HEXFRED® product line features extremely low values of peak recovery current (IRRM) and does not exhibit any tendency to “snap-off” during the tb portion of recovery. The HEXFRED features combine to offer designers a rectifier with lower noise and significantly lower switching losses in both the diode and the switching transistor. These HEXFRED advantages can help to significantly reduce snubbing, component count and heatsink sizes. The HEXFRED VS-HFA08TA60CSPbF is ideally suited for applications in power supplies and power conversion systems (such as inverters), motor drives, and many other similar applications where high speed, high efficiency is needed.

FEATURES
• Ultrafast recovery
• Ultrasoft recovery
• Very low IRRM
• Very low Qrr
• Specified at operating conditions
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified

BENEFITS
• Reduced RFI and EMI
• Reduced power loss in diode and switching transistor
• Higher frequency operation
• Reduced snubbing
• Reduced parts count




Similar Part No. - HFA08TA60CSPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA08TA60CSPBF VISHAY-HFA08TA60CSPBF Datasheet
129Kb / 6P
Ultrafast Soft Recovery Diode, 2 x 4 A
22-Oct-08
More results


Similar Description - HFA08TA60CSPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA16PA120CPBF VISHAY-HFA16PA120CPBF_11 Datasheet
159Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
23-May-11
HFA16TA60CPBF VISHAY-HFA16TA60CPBF_11 Datasheet
212Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
24-May-11
HFA30TA60CSPBF VISHAY-HFA30TA60CSPBF_10 Datasheet
208Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 2 x 15 A
22-Feb-10
HFA50PA60CPBF VISHAY-HFA50PA60CPBF_11 Datasheet
215Kb / 9P
HEXFRED Ultrafast Soft Recovery Diode, 2 x 25 A
23-May-11
VS-HFA08TA60CPBF VISHAY-VS-HFA08TA60CPBF Datasheet
179Kb / 7P
HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 4 A
10-Jul-15
VS-HFA08TA60CSPBF VISHAY-VS-HFA08TA60CSPBF Datasheet
188Kb / 8P
HEXFRED® Ultrafast Soft Recovery Diode, 2 x 4 A
26-Feb-16
VS-HFA08TA60C-M3 VISHAY-VS-HFA08TA60C-M3 Datasheet
175Kb / 7P
HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 4 A
02-Aug-17
VS-HFA08TA60C-M3 VISHAY-VS-HFA08TA60C-M3_V01 Datasheet
192Kb / 7P
HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 4 A
16-Dec-2021
VS-HFA08TA60CS-M3 VISHAY-VS-HFA08TA60CS-M3_V01 Datasheet
198Kb / 8P
HEXFRED® Ultrafast Soft Recovery Diode, 2 x 4 A
16-Dec-2021
VS-HFA08TA60CSPBF VISHAY-VS-HFA08TA60CSPBF_V01 Datasheet
156Kb / 8P
HEXFRED® Ultrafast Soft Recovery Diode, 2 x 4 A
26-Feb-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com