Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F320 Datasheet (PDF) - Microchip Technology

PIC10F320 Datasheet PDF - Microchip Technology
Part # PIC10F320
Download  PIC10F320 Download
File Size   1622.08 Kbytes
Page   210 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6/8-Pin, High-Performance, Flash Microcontrollers

PIC10F320 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC10F320 Datasheet PDF - Microchip Technology

Part # PIC10F320
Download  PIC10F320 Click to download

File Size   1622.08 Kbytes
Page   210 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6/8-Pin, High-Performance, Flash Microcontrollers

PIC10F320 Datasheet (HTML) - Microchip Technology


PIC10F320 Product details

High-Performance RISC CPU
• Only 35 Instructions to Learn:
   - All single-cycle instructions, except branches
• Operating Speed:
   - DC – 16 MHz clock input
   - DC – 250 ns instruction cycle
• Eight-level Deep Hardware Stack
• Interrupt Capability
• Processor Self-Write/Read access to Program Memory
• Pinout Compatible to other 6-Pin PIC10FXXX Microcontrollers

Memory
• Up to 512 Words of Flash Program Memory
• 64 Bytes Data Memory
• High-Endurance Flash Data Memory (HEF)
   - 128B of nonvolatile data storage
   - 100K erase/write cycles

Special Microcontroller Features
• Low-Power 16 MHz Internal Oscillator:
   - Software selectable frequency range from 16 MHz to 31 kHz
   - Factory calibrated to ± 1%, typical
• Wide Operating Range:
   - 1.8V to 3.6V (PIC10LF320/322)
   - 2.3V to 5.5V (PIC10F320/322)
• Power-On Reset (POR)
• Power-up Timer (PWRT)
• Brown-Out Reset (BOR)
• Ultra Low-Power Sleep Regulator
• Extended Watchdog Timer (WDT)
• Programmable Code Protection
• Power-Saving Sleep mode
• Selectable Oscillator Options (EC mode or Internal Oscillator)
• In-Circuit Serial Programming™ (ICSP™) (via Two Pins)
• In-Circuit Debugger Support
• Fixed Voltage Reference (FVR) with 1.024V, 2.048V and 4.096V (‘F’ variant only) Output Levels
• Integrated Temperature Indicator
• 40-year Flash Data Retention

eXtreme Low-Power (XLP) Features (PIC10LF320/322)
• Sleep Current:
   - 20 nA @ 1.8V, typical
• Operating Current:
   - 25 A @ 1 MHz, 1.8V, typical
• Watchdog Timer Current:
   - 500 nA @ 1.8V, typical

Peripheral Features
• Four I/O Pins:
   - One input-only pin
   - High current sink/source for LED drivers
   - Individually selectable weak pull-ups
   - Interrupt-on-Change
• Timer0: 8-Bit Timer/Counter with 8-Bit Programmable Prescaler
• Timer2: 8-Bit Timer/Counter with 8-Bit Period Register, Prescaler and Postscaler
• Two PWM modules:
   - 10-bit PWM, max. frequency 16 kHz
   - Combined to single 2-phase output
• A/D Converter:
   - 8-bit resolution with 3 channels
• Configurable Logic Cell (CLC):
   - 8 selectable input source signals
   - Two inputs per module
   - Software selectable logic functions including: AND/OR/XOR/D Flop/D Latch/SR/JK
   - External or internal inputs/outputs
   - Operation while in Sleep
• Numerically Controlled Oscillator (NCO):
   - 20-bit accumulator
   - 16-bit increment
   - Linear frequency control
   - High-speed clock input
   - Selectable Output modes
   - Fixed Duty Cycle (FDC)
   - Pulse Frequency (PF) mode
• Complementary Waveform Generator (CWG):
   - Selectable falling and rising edge dead-band control
   - Polarity control
   - Two auto-shutdown sources
   - Multiple input sources: PWM, CLC, NCO




Similar Part No. - PIC10F320

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC10F320-ICE MICROCHIP-PIC10F320-ICE Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
PIC10F320T-EMCQTP MICROCHIP-PIC10F320T-EMCQTP Datasheet
1Mb / 210P
6/8-Pin, High-Performance, Flash Microcontrollers
05/02/11
PIC10F320T-EMCSQTP MICROCHIP-PIC10F320T-EMCSQTP Datasheet
1Mb / 210P
6/8-Pin, High-Performance, Flash Microcontrollers
05/02/11
PIC10F320T-EOTQTP MICROCHIP-PIC10F320T-EOTQTP Datasheet
1Mb / 210P
6/8-Pin, High-Performance, Flash Microcontrollers
05/02/11
PIC10F320T-EOTSQTP MICROCHIP-PIC10F320T-EOTSQTP Datasheet
1Mb / 210P
6/8-Pin, High-Performance, Flash Microcontrollers
05/02/11
More results


Similar Description - PIC10F320

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC10F200 MICROCHIP-PIC10F200 Datasheet
1Mb / 86P
6-Pin, 8-Bit Flash Microcontrollers
2005
PIC10F220 MICROCHIP-PIC10F220 Datasheet
1Mb / 78P
6-Pin, 8-Bit Flash Microcontrollers
2006
PIC10F200 MICROCHIP-PIC10F200_07 Datasheet
1Mb / 96P
6-Pin, 8-Bit Flash Microcontrollers
2007
PIC12F519 MICROCHIP-PIC12F519_08 Datasheet
1Mb / 96P
8-Pin, 8-Bit Flash Microcontrollers
2008
PIC12LF1552 MICROCHIP-PIC12LF1552 Datasheet
4Mb / 260P
8-Pin Flash, 8-Bit Microcontrollers
2013
PIC12F1501 MICROCHIP-PIC12F1501 Datasheet
2Mb / 279P
8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
8-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC10LF322-I MICROCHIP-PIC10LF322-I Datasheet
1Mb / 210P
6/8-Pin, High-Performance, Flash Microcontrollers
05/02/11
PIC10F200 MICROCHIP-PIC10F200_14 Datasheet
998Kb / 88P
6-Pin, 8-Bit Flash Microcontrollers
03/25/14
PIC10LF320 MICROCHIP-PIC10LF320 Datasheet
1Mb / 193P
6/8-Pin Flash-Based, 8-Bit Microcontrollers
07/14/15
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com