Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1503 Datasheet (PDF) - Microchip Technology

PIC16LF1503 Datasheet PDF - Microchip Technology
Part # PIC16LF1503
Download  PIC16LF1503 Download
File Size   3728.9 Kbytes
Page   340 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14-Pin Flash, 8-Bit Microcontrollers

PIC16LF1503 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16LF1503 Datasheet PDF - Microchip Technology

Part # PIC16LF1503
Download  PIC16LF1503 Click to download

File Size   3728.9 Kbytes
Page   340 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14-Pin Flash, 8-Bit Microcontrollers

PIC16LF1503 Datasheet (HTML) - Microchip Technology


PIC16LF1503 Product details

High-Performance RISC CPU:
• C Compiler Optimized Architecture
• Only 49 Instructions
• Operating Speed:
    - DC – 20 MHz clock input
    - DC – 200 ns instruction cycle
• Interrupt Capability with Automatic Context Saving
• 16-Level Deep Hardware Stack with Optional Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
    - Two full 16-bit File Select Registers (FSRs)
    - FSRs can read program and data memory

Flexible Oscillator Structure:
• 16 MHz Internal Oscillator Block:
    - Factory calibrated to ±1%, typical
    - Software selectable frequency range from 16 MHz to 31 kHz
• 31 kHz Low-Power Internal Oscillator
• Three External Clock modes up to 20 MHz

Special Microcontroller Features:
• Operating Voltage Range:
    - 1.8V to 3.6V (PIC16LF1503)
    - 2.3V to 5.5V (PIC16F1503)
• Self-Programmable under Software Control
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Programmable Low-Power Brown-out Reset (LPBOR)
• Extended Watchdog Timer (WDT):
    - Programmable period from 1 ms to 256s
• Programmable Code Protection
• In-Circuit Serial Programming™ (ICSP™) via Two Pins
• Enhanced Low-Voltage Programming (LVP)
• In-Circuit Debug (ICD) via Two Pins
• Power-Saving Sleep mode:
    - Low-Power Sleep mode
    - Low-Power BOR (LPBOR)
• Integrated Temperature Indicator
• 128 Bytes High-Endurance Flash
    - 100,000 write Flash endurance (minimum)

Memory:
• 2 Kwords Linear Program Memory Addressing
• 128 bytes Linear Data Memory Addressing
• High-Endurance Flash Data Memory (HEF)
    - 128 bytes if nonvolatile data storage
    - 100k erase/write cycles

eXtreme Low-Power (XLP) Features (PIC16LF1503):
• Sleep Current:
    - 20 nA @ 1.8V, typical
• Watchdog Timer Current:
    - 260 nA @ 1.8V, typical
• Operating Current:
    - 30 μA/MHz @ 1.8V, typical
(Continue ...)




Similar Part No. - PIC16LF1503

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1503 MICROCHIP-PIC16LF1503 Datasheet
6Mb / 422P
20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC16LF1503 MICROCHIP-PIC16LF1503 Datasheet
3Mb / 340P
14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC16LF1503 MICROCHIP-PIC16LF1503 Datasheet
6Mb / 352P
14-Pin Flash, 8-Bit Microcontrollers
07/14/15
PIC16LF1503 MICROCHIP-PIC16LF1503 Datasheet
5Mb / 278P
20-Pin Flash, 8-Bit Microcontrollers
07/14/15
PIC16LF1503-I MICROCHIP-PIC16LF1503-I Datasheet
3Mb / 340P
14-Pin Flash, 8-Bit Microcontrollers
08/02/11
More results


Similar Description - PIC16LF1503

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F508 MICROCHIP-PIC12F508 Datasheet
1Mb / 98P
8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC12F508 MICROCHIP-PIC12F508_07 Datasheet
1Mb / 100P
8/14-Pin, 8-Bit Flash Microcontrollers
2007
PIC12F508 MICROCHIP-PIC12F508_09 Datasheet
1Mb / 110P
8/14-Pin, 8-Bit Flash Microcontrollers
2009
PIC12F529T48A MICROCHIP-PIC12F529T48A Datasheet
981Kb / 98P
14-Pin, 8-Bit Flash Microcontrollers
11/29/11
PIC16F1503-I-MG MICROCHIP-PIC16F1503-I-MG Datasheet
3Mb / 340P
14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12F509-I MICROCHIP-PIC12F509-I Datasheet
1Mb / 110P
8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC16LF1503-I MICROCHIP-PIC16LF1503-I Datasheet
3Mb / 340P
14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12F508T-I MICROCHIP-PIC12F508T-I Datasheet
1Mb / 106P
8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC12F510-I MICROCHIP-PIC12F510-I Datasheet
1Mb / 124P
8/14-Pin, 8-Bit Flash Microcontrollers
10/05/07
PIC12F508 MICROCHIP-PIC12F508_1 Datasheet
682Kb / 98P
8/14-Pin, 8-Bit Flash Microcontrollers
05/28/04
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com